Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32G431XB Datasheet(PDF) 23 Page - STMicroelectronics

Part # STM32G431XB
Description  Arm® Cortex®-M4 32-bit MCUFPU, 170 MHz /213 DMIPS,up to 128 KB Flash, 32 KB SRAM, rich analog, math accelerator
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G431XB Datasheet(HTML) 23 Page - STMicroelectronics

Back Button STM32G431XB Datasheet HTML 19Page - STMicroelectronics STM32G431XB Datasheet HTML 20Page - STMicroelectronics STM32G431XB Datasheet HTML 21Page - STMicroelectronics STM32G431XB Datasheet HTML 22Page - STMicroelectronics STM32G431XB Datasheet HTML 23Page - STMicroelectronics STM32G431XB Datasheet HTML 24Page - STMicroelectronics STM32G431XB Datasheet HTML 25Page - STMicroelectronics STM32G431XB Datasheet HTML 26Page - STMicroelectronics STM32G431XB Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 198 page
background image
DS12589 Rev 6
23/198
STM32G431x6 STM32G431x8 STM32G431xB
Functional overview
43
3.11.4
Low-power modes
By default, the microcontroller is in Run mode after system or power Reset. It is up to the
user to select one of the low-power modes described below:
•
Sleep mode: In Sleep mode, only the CPU is stopped. All peripherals continue to
operate and can wake up the CPU when an interrupt/event occurs.
•
Low-power run mode: This mode is achieved with VCORE supplied by the low-power
regulator to minimize the regulator's operating current. The code can be executed from
SRAM or from Flash, and the CPU frequency is limited to 2 MHz. The peripherals with
independent clock can be clocked by HSI16.
•
Low-power sleep mode: This mode is entered from the low-power run mode. Only the
CPU clock is stopped. When wakeup is triggered by an event or an interrupt, the
system reverts to the Low power run mode.
•
Stop mode: In Stop mode, the device achieves the lowest power consumption while
retaining the SRAM and register contents. All clocks in the VCORE domain are
stopped. The PLL, as well as the HSI16 RC oscillator and the HSE crystal oscillator are
disabled. The LSE or LSI keep running. The RTC can remain active (Stop mode with
RTC, Stop mode without RTC). Some peripherals with wakeup capability can enable
the HSI16 RC during Stop mode, so as to get clock for processing the wakeup event.
•
Standby mode: The Standby mode is used to achieve the lowest power consumption
with brown-out reset, BOR. The internal regulator is switched off to power down the
VCORE domain. The PLL, as well as the HSI16 RC oscillator and the HSE crystal
oscillator are also powered down. The RTC can remain active (Standby mode with
RTC, Standby mode without RTC). The BOR always remains active in Standby mode.
For each I/O, the software can determine whether a pull-up, a pull-down or no resistor
shall be applied to that I/O during Standby mode. Upon entering Standby mode, SRAM
and register contents are lost except for registers in the RTC domain and standby
circuitry. The device exits Standby mode upon external reset event (NRST pin), IWDG
reset event, wakeup event (WKUP pin, configurable rising or falling edge) or RTC
event (alarm, periodic wakeup, timestamp, tamper), or when a failure is detected on
LSE (CSS on LSE).
•
Shutdown mode: The Shutdown mode allows to achieve the lowest power
consumption. The internal regulator is switched off to power down the VCORE domain.
The PLL, as well as the HSI16 and LSI RC-oscillators and HSE crystal oscillator are
also powered down. The RTC can remain active (Shutdown mode with RTC, Shutdown
mode without RTC). The BOR is not available in Shutdown mode. No power voltage
monitoring is possible in this mode. Therefore, switching to RTC domain is not
supported. SRAM and register contents are lost except for registers in the RTC
domain. The device exits Shutdown mode upon external reset event (NRST pin),
IWDG reset event, wakeup event (WKUP pin, configurable rising or falling edge) or
RTC event (alarm, periodic wakeup, timestamp, tamper).
3.11.5
Reset mode
In order to improve the consumption under reset, the I/Os state under and after reset is
“analog state” (the I/O schmitt trigger is disabled). In addition, the internal reset pull-up is
deactivated when the reset source is internal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com