Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32G431XB Datasheet(PDF) 28 Page - STMicroelectronics

Part # STM32G431XB
Description  Arm® Cortex®-M4 32-bit MCUFPU, 170 MHz /213 DMIPS,up to 128 KB Flash, 32 KB SRAM, rich analog, math accelerator
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G431XB Datasheet(HTML) 28 Page - STMicroelectronics

Back Button STM32G431XB Datasheet HTML 24Page - STMicroelectronics STM32G431XB Datasheet HTML 25Page - STMicroelectronics STM32G431XB Datasheet HTML 26Page - STMicroelectronics STM32G431XB Datasheet HTML 27Page - STMicroelectronics STM32G431XB Datasheet HTML 28Page - STMicroelectronics STM32G431XB Datasheet HTML 29Page - STMicroelectronics STM32G431XB Datasheet HTML 30Page - STMicroelectronics STM32G431XB Datasheet HTML 31Page - STMicroelectronics STM32G431XB Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 198 page
background image
Functional overview
STM32G431x6 STM32G431x8 STM32G431xB
28/198
DS12589 Rev 6
3.16
DMA request router (DMAMUX)
When a peripheral indicates a request for DMA transfer by setting its DMA request line, the
DMA request is pending until it is served and the corresponding DMA request line is reset.
The DMA request router allows to route the DMA control lines between the peripherals and
the DMA controllers of the product.
An embedded multi-channel DMA request generator can be considered as one of such
peripherals. The routing function is ensured by a multi-channel DMA request line
multiplexer. Each channel selects a unique set of DMA control lines, unconditionally or
synchronously with events on synchronization inputs.
For simplicity, the functional description is limited to DMA request lines. The other DMA
control lines are not shown in figures or described in the text. The DMA request generator
produces DMA requests following events on DMA request trigger inputs.
3.17
Interrupts and events
3.17.1
Nested vectored interrupt controller (NVIC)
The STM32G431x6/x8/xB devices embed a nested vectored interrupt controller which is
able to manage 16 priority levels, and to handle up to 71 maskable interrupt channels plus
the 16 interrupt lines of the Cortex®-M4.
The NVIC benefits are the following:
•
Closely coupled NVIC gives low latency interrupt processing
•
Interrupt entry vector table address passed directly to the core
•
Allows early processing of interrupts
•
Processing of late arriving higher priority interrupts
•
Support for tail chaining
•
Processor state automatically saved
•
Interrupt entry restored on interrupt exit with no instruction overhead
The NVIC hardware block provides flexible interrupt management features with minimal
interrupt latency.
3.17.2
Extended interrupt/event controller (EXTI)
The extended interrupt/event controller consists of 39 edge detector lines used to generate
interrupt/event requests and to wake-up the system from the Stop mode. Each external line
can be independently configured to select the trigger event (rising edge, falling edge, both)
and can be masked independently.
A pending register maintains the status of the interrupt requests. The internal lines are
connected to peripherals with wakeup from Stop mode capability. The EXTI can detect an
external line with a pulse width shorter than the internal clock period. Up to 86 GPIOs can
be connected to the 16 external interrupt lines.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com