Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32G431XB Datasheet(PDF) 80 Page - STMicroelectronics

Part # STM32G431XB
Description  Arm® Cortex®-M4 32-bit MCUFPU, 170 MHz /213 DMIPS,up to 128 KB Flash, 32 KB SRAM, rich analog, math accelerator
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G431XB Datasheet(HTML) 80 Page - STMicroelectronics

Back Button STM32G431XB Datasheet HTML 76Page - STMicroelectronics STM32G431XB Datasheet HTML 77Page - STMicroelectronics STM32G431XB Datasheet HTML 78Page - STMicroelectronics STM32G431XB Datasheet HTML 79Page - STMicroelectronics STM32G431XB Datasheet HTML 80Page - STMicroelectronics STM32G431XB Datasheet HTML 81Page - STMicroelectronics STM32G431XB Datasheet HTML 82Page - STMicroelectronics STM32G431XB Datasheet HTML 83Page - STMicroelectronics STM32G431XB Datasheet HTML 84Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 198 page
background image
Table 23. Typical current consumption in Run and Low-power run modes, with different codes
running from Flash, ART enable (Cache ON Prefetch OFF)
Symbol
Parameter
Conditions
Code
TYP
Single Bank
Mode
Unit
TYP
Single Bank
Mode
Unit
-
Voltage scaling
25°C
25°C
IDD
(Run)
Supply current
in Run mode
fHCLK= fHSE up to 48
MHZ included, bypass
mode PLL ON above
48 MHz all peripherals
disable
Range2
fHCLK=26MHz
Pseudo-dhrystone
3.20
mA
123
µA/MHz
Coremark
3.15
mA
121
Dhrystone2.1
3.20
mA
123
Fibonacci
3.60
mA
138
While(1)
3.00
mA
115
Range 1
fHCLK= 150 MHz
Pseudo-dhrystone
21.0
mA
140
µA/MHz
Coremark
21.0
mA
140
Dhrystone2.1
21.0
mA
140
Fibonacci
23.5
mA
157
While(1)
20.0
mA
133
Range 1
Boost mode
fHCLK= 170 MHz
Pseudo-dhrystone
25.5
mA
150
µA/MHz
Coremark
25.0
mA
147
Dhrystone2.1
26.0
mA
153
Fibonacci
28.5
mA
168
While(1)
24.5
mA
144
IDD
(LPRun)
Supply current
in Low-power
run
SYSCLK source is HSI
fHCLK = 2 MHz
all peripherals disable
Pseudo-dhrystone
865
µA
433
µA/MHz
Coremark
855
µA
428
Dhrystone2.1
875
µA
438
Fibonacci
905
µA
453
While(1)
870
µA
435



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com