Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32G431XB Datasheet(PDF) 98 Page - STMicroelectronics

Part # STM32G431XB
Description  Arm® Cortex®-M4 32-bit MCUFPU, 170 MHz /213 DMIPS,up to 128 KB Flash, 32 KB SRAM, rich analog, math accelerator
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G431XB Datasheet(HTML) 98 Page - STMicroelectronics

Back Button STM32G431XB Datasheet HTML 94Page - STMicroelectronics STM32G431XB Datasheet HTML 95Page - STMicroelectronics STM32G431XB Datasheet HTML 96Page - STMicroelectronics STM32G431XB Datasheet HTML 97Page - STMicroelectronics STM32G431XB Datasheet HTML 98Page - STMicroelectronics STM32G431XB Datasheet HTML 99Page - STMicroelectronics STM32G431XB Datasheet HTML 100Page - STMicroelectronics STM32G431XB Datasheet HTML 101Page - STMicroelectronics STM32G431XB Datasheet HTML 102Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 198 page
background image
Electrical characteristics
STM32G431x6 STM32G431x8 STM32G431xB
98/198
DS12589 Rev 6
5.3.7
External clock source characteristics
High-speed external user clock generated from an external source
In bypass mode the HSE oscillator is switched off and the input pin is a standard GPIO.
The external clock signal has to respect the I/O characteristics in Section 5.3.14. However,
the recommended clock input waveform is shown in Figure 19: High-speed external clock
source AC timing diagram.
Table 36. Regulator modes transition times(1)
Symbol
Parameter
Conditions
Typ
Max
Unit
tVOST
Regulator transition time from Range
2 to Range 1 or
Range 1 to Range 2(2)
Wakeup clock HSI16 = 16 MHz
HPRE = 8
20
40
μs
1. Guaranteed by characterization results.
2. Time until VOSF flag is cleared in PWR_SR2.
Table 37. Wakeup time using USART/LPUART(1)
Symbol
Parameter
Conditions
Typ
Max
Unit
tWUUSART
tWULPUART
Wakeup time needed to calculate the
maximum USART/LPUART baudrate
allowing to wakeup up from stop mode
when USART/LPUART clock source is
HSI16
Stop 0 mode
-
1.7
μs
Stop 1 mode
-
8.5
1. Guaranteed by design.
Table 38. High-speed external user clock characteristics(1)
1. Guaranteed by design.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fHSE_ext
User external clock
source frequency
Voltage scaling
Range 1
-8
48
MHz
Voltage scaling
Range 2
-8
26
VHSEH
OSC_IN input pin high
level voltage
-
0.7 VDD
-VDD
V
VHSEL
OSC_IN input pin low
level voltage
-VSS
-0.3 VDD
tw(HSEH)
tw(HSEL)
OSC_IN high or low time
Voltage scaling
Range 1
7-
-
ns
Voltage scaling
Range 2
18
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com