Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32G431XB Datasheet(PDF) 105 Page - STMicroelectronics

Part # STM32G431XB
Description  Arm® Cortex®-M4 32-bit MCUFPU, 170 MHz /213 DMIPS,up to 128 KB Flash, 32 KB SRAM, rich analog, math accelerator
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G431XB Datasheet(HTML) 105 Page - STMicroelectronics

Back Button STM32G431XB Datasheet HTML 101Page - STMicroelectronics STM32G431XB Datasheet HTML 102Page - STMicroelectronics STM32G431XB Datasheet HTML 103Page - STMicroelectronics STM32G431XB Datasheet HTML 104Page - STMicroelectronics STM32G431XB Datasheet HTML 105Page - STMicroelectronics STM32G431XB Datasheet HTML 106Page - STMicroelectronics STM32G431XB Datasheet HTML 107Page - STMicroelectronics STM32G431XB Datasheet HTML 108Page - STMicroelectronics STM32G431XB Datasheet HTML 109Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 198 page
background image
DS12589 Rev 6
105/198
STM32G431x6 STM32G431x8 STM32G431xB
Electrical characteristics
160
Figure 24. HSI48 frequency versus temperature
Low-speed internal (LSI) RC oscillator
NT jitter
Next transition jitter
Accumulated jitter on 28
cycles(4)
--
+/-0.15(2)
-ns
PT jitter
Paired transition jitter
Accumulated jitter on 56
cycles(4)
--
+/-0.25(2)
-ns
1. VDD = 3 V, TA = –40 to 125°C unless otherwise specified.
2. Guaranteed by design.
3. Guaranteed by characterization results.
4. Jitter measurement are performed without clock source activated in parallel.
Table 44. LSI oscillator characteristics(1)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fLSI
LSI Frequency
VDD = 3.0 V,
TA = 30 °C
31.04
-
32.96
kHz
VDD = 1.62 to 3.6 V,
TA = -40 to 125 °C
29.5
-
34
tSU(LSI)(2)
LSI oscillator start-up
time
-
-
80
130
μs
Table 43. HSI48 oscillator characteristics(1) (continued)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
MSv40989V1
-6
-4
-2
0
2
4
6
-50
-30
-10
10
30
50
70
90
110
130
Avg
min
max
°C
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com