Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AMC131M02DFMR Datasheet(PDF) 27 Page - Texas Instruments

Part # AMC131M02DFMR
Description  AMC131M02 2-Channel, 64-kSPS, Simultaneous-Sampling, 24-Bit, Reinforced Isolated Delta-Sigma ADC With Integrated DC/DC Converter
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AMC131M02DFMR Datasheet(HTML) 27 Page - Texas Instruments

Back Button AMC131M02DFMR Datasheet HTML 23Page - Texas Instruments AMC131M02DFMR Datasheet HTML 24Page - Texas Instruments AMC131M02DFMR Datasheet HTML 25Page - Texas Instruments AMC131M02DFMR Datasheet HTML 26Page - Texas Instruments AMC131M02DFMR Datasheet HTML 27Page - Texas Instruments AMC131M02DFMR Datasheet HTML 28Page - Texas Instruments AMC131M02DFMR Datasheet HTML 29Page - Texas Instruments AMC131M02DFMR Datasheet HTML 30Page - Texas Instruments AMC131M02DFMR Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 89 page
background image
The phase setting of the different channels is configured by the PHASEn[9:0] bits in the CHn_CFG register
corresponding to the channel whose phase adjustment is desired. The register value is a 10-bit, two's-
complement value corresponding to the number of modulator clock cycles of phase offset compared to a
reference phase of zero degrees.
The mechanism for achieving phase adjustment derives from the ΔΣ architecture. The ΔΣ modulator produces
samples continuously at the modulator frequency, fMOD. These samples are filtered and decimated to the output
data rate by the digital filter. The ratio between fMOD and the data rate is the oversampling ratio (OSR). Each
conversion result corresponds to an OSR number of modulator samples provided to the digital filter. When the
different channels of the AMC131M02 have no programmed phase offset between them, the modulator clock
cycles corresponding to the conversion results of the different channels are aligned in the time domain. Figure
8-11 shows an example scenario where the voltage input to channel 1 has no phase offset from channel 0.
CH0 Input
Sample
Period
CH1 Input
Figure 8-11. Two Channel Outputs With Equal Phase Settings
However, the sample period of one channel can be shifted with respect to another. If the inputs to both channels
are sinusoids of the same frequency and the samples for these channels are retrieved by the host at the same
time, the effect is that the phase of the channel with the modified sample period appears shifted. Figure 8-12
shows how the period corresponding to the samples are shifted between channels. Figure 8-13 illustrates how
the samples appear as having generated a phase shift when retrieved by the host.
CH0 Input
Sample
Period
CH1 Input
Sample Period
Offset
Figure 8-12. Channel 1 With a Positive Sample Phase Shift With Respect to Channel 0
www.ti.com
AMC131M02
SBASA56 – SEPTEMBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
27
Product Folder Links: AMC131M02



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com