Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AMC131M02DFMR Datasheet(PDF) 46 Page - Texas Instruments

Part # AMC131M02DFMR
Description  AMC131M02 2-Channel, 64-kSPS, Simultaneous-Sampling, 24-Bit, Reinforced Isolated Delta-Sigma ADC With Integrated DC/DC Converter
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AMC131M02DFMR Datasheet(HTML) 46 Page - Texas Instruments

Back Button AMC131M02DFMR Datasheet HTML 42Page - Texas Instruments AMC131M02DFMR Datasheet HTML 43Page - Texas Instruments AMC131M02DFMR Datasheet HTML 44Page - Texas Instruments AMC131M02DFMR Datasheet HTML 45Page - Texas Instruments AMC131M02DFMR Datasheet HTML 46Page - Texas Instruments AMC131M02DFMR Datasheet HTML 47Page - Texas Instruments AMC131M02DFMR Datasheet HTML 48Page - Texas Instruments AMC131M02DFMR Datasheet HTML 49Page - Texas Instruments AMC131M02DFMR Datasheet HTML 50Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 89 page
background image
8.5.3.8 WREG (011a aaaa annn nnnn)
The WREG command allows writing an arbitrary number of contiguous device registers. The binary format of the
command word is 011a aaaa annn nnnn, where a aaaa a is the binary address of the register to begin writing
and nnn nnnn is the unsigned binary number of consecutive registers to write minus one. Send the data to be
written immediately following the command word. Write the intended contents of each register into individual
words, MSB aligned.
If the input CRC is enabled, write this CRC after the register data. The registers are written to the device as
they are shifted into DIN. Therefore, a CRC error does not prevent an erroneous value from being written to a
register. An input CRC error during a WREG command sets the CRC_ERR bit in the STATUS register.
The device ignores writes to read-only registers or to out-of-bounds addresses. Gaps in the register map
address space are still included in the parameter nnn nnnn, but are not writeable so no change is made to them.
The response to the WREG command that occurs in the following frame appears as 010a aaaa ammm mmmm,
where mmm mmmm is the number of registers actually written minus one. This number can be checked by the
host against nnn nnnn to make sure the expected number of registers are written.
Figure 8-27 shows a typical WREG sequence. In this example, the number of registers to write is larger than
the number of ADC channels and, therefore, the frame is extended beyond the ADC channels and output CRC
word. Make sure all ADC data and output CRC are shifted out during each transaction where new data are
available.
DRDY
CS
SCLK
DIN
DOUT
Channel 0 Data
Channel 1 Data
CRC
Response
Hi-Z
'RQ¶W &DUH
Channel 0 Data
Response
WREG
1
st UHJLVWHU¶V
data
Command
CRC
2
nd UHJLVWHU¶V
data
3
rd UHJLVWHU¶V
data
4
th UHJLVWHU¶V
data
5
th UHJLVWHU¶V
data
6
th UHJLVWHU¶V
data
N-1
th UHJLVWHU¶V
data
N
th UHJLVWHU¶V
data
CRC
Hi-Z
Figure 8-27. Writing Registers
8.5.4 ADC Output Buffer and FIFO Buffer
As shown in Figure 8-28, the AMC131M02 has two internal data buffers per ADC channel holding conversion
data: an ADC output buffer and a FIFO buffer. Each buffer can only hold one conversion result at a time. The
data output on DOUT is always from the FIFO buffer.
ADC Output
Buffer
ADC Data
ADC
FIFO Buffer
ADC Data
ADC Data
DRDYx
To SPI
Figure 8-28. ADC Data Output Buffer Structure
Whenever an ADC channel generates new conversion data, the ADC output buffer for that channel is updated
immediately with the new data. However, updating the FIFO buffer depends on the previous conversion data
retrieval by the host. There are three scenarios:
• If conversion data (N) stored in the FIFO buffer has already been read by the host at the time that new
conversion data (N+1) become available, then the FIFO buffer is updated with the new conversion data
AMC131M02
SBASA56 – SEPTEMBER 2023
www.ti.com
46
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: AMC131M02



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com