Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AMC131M02DFMR Datasheet(PDF) 15 Page - Texas Instruments

Part # AMC131M02DFMR
Description  AMC131M02 2-Channel, 64-kSPS, Simultaneous-Sampling, 24-Bit, Reinforced Isolated Delta-Sigma ADC With Integrated DC/DC Converter
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AMC131M02DFMR Datasheet(HTML) 15 Page - Texas Instruments

Back Button AMC131M02DFMR Datasheet HTML 11Page - Texas Instruments AMC131M02DFMR Datasheet HTML 12Page - Texas Instruments AMC131M02DFMR Datasheet HTML 13Page - Texas Instruments AMC131M02DFMR Datasheet HTML 14Page - Texas Instruments AMC131M02DFMR Datasheet HTML 15Page - Texas Instruments AMC131M02DFMR Datasheet HTML 16Page - Texas Instruments AMC131M02DFMR Datasheet HTML 17Page - Texas Instruments AMC131M02DFMR Datasheet HTML 18Page - Texas Instruments AMC131M02DFMR Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 89 page
background image
7 Parameter Measurement Information
7.1 Noise Measurements
Adjust the data rate and gain to optimize the AMC131M02 noise performance. When averaging is increased by
reducing the data rate, noise drops correspondingly. Table 7-1 summarizes the AMC131M02 noise performance
using the 1.2-V internal reference and a 3.3-V power supply at the DVDD pin. Data are representative of typical
noise performance at TA = 25°C when fCLKIN = 8.192 MHz. The clock divider is configured to the default setting
(that is, the CLK_SEL[1:0] bits in the CLOCK register are set to 00b), thus the modulator clock frequency (fMOD)
is equal to fCLKIN / 2. The data shown are typical input-referred noise results with the analog inputs shorted
together and taking an average of multiple readings on channel 0. A minimum 1 second of consecutive readings
are used to calculate the RMS noise for each reading. Table 7-2 lists the dynamic range, and Table 7-3 lists the
effective resolution calculated from the noise data. Equation 1 calculates dynamic range. Equation 2 calculates
effective resolution. In each case, VREF corresponds to the internal 1.2-V reference. In global-chop mode, noise
improves by a factor of √2.
Noise performance scales with the OSR and gain settings, but is independent from the configured power mode.
Thus, the device exhibits the same noise performance in different power modes when selecting the same OSR
and gain settings. However, the data rate at the OSR settings scales based on the applied clock frequency for
the different power modes.
REF
RMS
V
Dynamic Range = 20 log
2 Gain V
§
·
u
¨
¸
¨
¸
u
u
©
¹
(1)
REF
2
RMS
2 V
Effective Resolution = log
Gain V
§
·
u
¨
¸
u
©
¹
(2)
Table 7-1. Noise (µVRMS) at TA = 25°C, Channel 0
OSR
DATA RATE (kSPS),
fCLKIN = 8.192 MHz
GAIN
1
2
4
8
16
32
64
128
16384
0.25
3.92
2.15
1.69
0.97
0.84
0.47
0.57
0.51
8192
0.5
4.55
3.16
2.91
2.23
1.67
1.55
1.07
0.92
4096
1
6.35
3.85
3.17
2.43
1.76
1.56
1.53
1.67
2048
2
7.55
4.92
3.92
2.94
2.46
1.68
1.56
1.85
1024
4
8.43
6.06
5.04
4.03
3.39
1.75
2.03
2.86
512
8
12.26
9.21
7.60
6.34
5.15
4.22
4.63
4.36
256
16
17.45
11.88
10.51
8.39
7.10
6.35
5.58
4.75
128
32
26.24
17.20
14.68
10.44
7.75
7.72
8.35
7.87
64
64
77.32
42.11
28.44
16.83
10.89
9.94
9.06
8.99
Table 7-2. Dynamic Range (dB) at TA = 25°C, Channel 0
OSR
DATA RATE (kSPS),
fCLKIN = 8.192 MHz
GAIN
1
2
4
8
16
32
64
128
16384
0.25
107
106
102
101
96
95
87
82
8192
0.5
105
103
97
94
90
85
82
77
4096
1
103
101
97
93
90
85
79
72
2048
2
101
99
95
91
87
84
79
71
1024
4
100
97
92
88
84
84
76
67
512
8
97
93
89
84
80
76
69
64
256
16
94
91
86
82
77
72
68
63
128
32
90
88
83
80
77
71
64
59
64
64
81
80
77
76
74
69
63
57
www.ti.com
AMC131M02
SBASA56 – SEPTEMBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
15
Product Folder Links: AMC131M02



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com