Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AMC131M02DFMR Datasheet(PDF) 44 Page - Texas Instruments

Part # AMC131M02DFMR
Description  AMC131M02 2-Channel, 64-kSPS, Simultaneous-Sampling, 24-Bit, Reinforced Isolated Delta-Sigma ADC With Integrated DC/DC Converter
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AMC131M02DFMR Datasheet(HTML) 44 Page - Texas Instruments

Back Button AMC131M02DFMR Datasheet HTML 40Page - Texas Instruments AMC131M02DFMR Datasheet HTML 41Page - Texas Instruments AMC131M02DFMR Datasheet HTML 42Page - Texas Instruments AMC131M02DFMR Datasheet HTML 43Page - Texas Instruments AMC131M02DFMR Datasheet HTML 44Page - Texas Instruments AMC131M02DFMR Datasheet HTML 45Page - Texas Instruments AMC131M02DFMR Datasheet HTML 46Page - Texas Instruments AMC131M02DFMR Datasheet HTML 47Page - Texas Instruments AMC131M02DFMR Datasheet HTML 48Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 89 page
background image
CS
SCLK
DIN
DOUT
'RQ¶W &DUH
'RQ¶W &DUH
'RQ¶W &DUH
Response
Hi-Z
Hi-Z
RESET
CRC
RESET command
latched here
Figure 8-24. RESET Command Frame
8.5.3.3 STANDBY (0000 0000 0010 0010)
The STANDBY command places the device in a low-power standby mode. The command is latched by the
device at the end of the frame. The device enters standby mode immediately after the command is latched. Set
the DCDC_EN bit in the DCDC_CTRL register to 0b to disable the DC/DC converter before entering standby
mode. See the Standby Mode section for more information. This command has no effect if the device is already
in standby mode.
8.5.3.4 WAKEUP (0000 0000 0011 0011)
The WAKEUP command returns the device to conversion mode from standby mode. This command has no
effect if the device is already in conversion mode.
Set the DCDC_EN bit in the DCDC_CTRL register to 1b to enable the DC/DC converter after sending the
WAKEUP command.
8.5.3.5 LOCK (0000 0101 0101 0101)
The LOCK command locks the interface, preventing the device from accidentally latching unwanted commands
that can change the state of the device. When the interface is locked, the device only responds to the NULL,
RREG, and UNLOCK commands. The device continues to output conversion data even when locked.
8.5.3.6 UNLOCK (0000 0110 0101 0101)
The UNLOCK command unlocks the interface if previously locked by the LOCK command.
8.5.3.7 RREG (101a aaaa annn nnnn)
The RREG command reads the device registers. The binary format of the command word is 101a aaaa annn
nnnn, where a aaaa a is the binary address of the register to begin reading and nnn nnnn is the unsigned
binary number of consecutive registers to read minus one. There are two cases for reading registers on the
AMC131M02. When reading a single register (nnn nnnn = 000 0000b), the device outputs the register contents
in the command response word of the following frame. If multiple registers are read using a single command
(nnn nnnn > 000 0000b), the device outputs the requested register data sequentially in order of addresses.
AMC131M02
SBASA56 – SEPTEMBER 2023
www.ti.com
44
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: AMC131M02



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com