Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AMC131M02DFMR Datasheet(PDF) 74 Page - Texas Instruments

Part # AMC131M02DFMR
Description  AMC131M02 2-Channel, 64-kSPS, Simultaneous-Sampling, 24-Bit, Reinforced Isolated Delta-Sigma ADC With Integrated DC/DC Converter
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AMC131M02DFMR Datasheet(HTML) 74 Page - Texas Instruments

Back Button AMC131M02DFMR Datasheet HTML 70Page - Texas Instruments AMC131M02DFMR Datasheet HTML 71Page - Texas Instruments AMC131M02DFMR Datasheet HTML 72Page - Texas Instruments AMC131M02DFMR Datasheet HTML 73Page - Texas Instruments AMC131M02DFMR Datasheet HTML 74Page - Texas Instruments AMC131M02DFMR Datasheet HTML 75Page - Texas Instruments AMC131M02DFMR Datasheet HTML 76Page - Texas Instruments AMC131M02DFMR Datasheet HTML 77Page - Texas Instruments AMC131M02DFMR Datasheet HTML 78Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 89 page
background image
9.2 Typical Application
This section describes a typical three-phase energy measurement front-end using the AMC131M02. The ADC
samples the outputs of resistive current sensors (shunts) and voltage dividers to measure the current and
voltage of each leg of the AC mains. The design can achieve high accuracy across a wide input current range
(0.05 A–100 A) and supports high sampling frequencies necessary for advanced power-quality features, such
as individual harmonic analysis. Using the AMC131M02 to sample the voltages and currents per phase provides
designers greater flexibility in the choice of metrology microcontrollers (MCU) when compared to an integrated
system-on-a-chip (SoC) and dedicated application-specific products.
Figure 9-4 illustrates the front-end for a three-phase energy measurement design. In this design, one
AMC131M02 per phase measures the current and voltage for this respective phase, providing galvanic isolation
from phase to phase. This isolation is critical because the voltage level in a typical case can be in the order
of 220 V on one phase and –220 V at another phase. If only one ADC for multiple phases is used, a voltage
difference in the order of 440 V between two adjacent ADC inputs can appear, potentially destroying the device.
The design also includes a fourth ADC to monitor the current in the neutral line. Assuming the system ground
for the metering front-end is connected to the neutral line, this ADC can be a non-isolated device such as the
ADS131M02. This fourth device is optional and is typically used if tamper detection is a concern.
RC antialiasing filters are not given in Figure 9-4 for simplicity, but are recommended for all channels.
The microcontroller uses the SPI port to communicate with the four ADC devices, and provides a clock to all
ADC devices at the respective CLKIN pins. Four of the microcontroller I/O pins (CS_A, CS_B, CS_C, and CS_D)
generate the SPI CS signals. The SCLK, DIN, and DOUT connections are shared between all ADC devices. To
simplify the figure, these connections are not shown in detail.
AMC131M02
SBASA56 – SEPTEMBER 2023
www.ti.com
74
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: AMC131M02



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com