Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AMC131M02DFMR Datasheet(PDF) 20 Page - Texas Instruments

Part # AMC131M02DFMR
Description  AMC131M02 2-Channel, 64-kSPS, Simultaneous-Sampling, 24-Bit, Reinforced Isolated Delta-Sigma ADC With Integrated DC/DC Converter
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AMC131M02DFMR Datasheet(HTML) 20 Page - Texas Instruments

Back Button AMC131M02DFMR Datasheet HTML 16Page - Texas Instruments AMC131M02DFMR Datasheet HTML 17Page - Texas Instruments AMC131M02DFMR Datasheet HTML 18Page - Texas Instruments AMC131M02DFMR Datasheet HTML 19Page - Texas Instruments AMC131M02DFMR Datasheet HTML 20Page - Texas Instruments AMC131M02DFMR Datasheet HTML 21Page - Texas Instruments AMC131M02DFMR Datasheet HTML 22Page - Texas Instruments AMC131M02DFMR Datasheet HTML 23Page - Texas Instruments AMC131M02DFMR Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 89 page
background image
reverse breakdown voltage. Take care to prevent input voltages or currents from exceeding the limits provided in
the Absolute Maximum Ratings table.
8.3.5 Input Multiplexer
Each channel of the AMC131M02 has a dedicated input multiplexer. The multiplexer controls which signals are
routed to the ADC channels. Configure the input multiplexer using the MUXn[1:0] bits in the CHn_CFG register.
The input multiplexer allows the following inputs to be connected to the ADC channel:
• The analog input pins corresponding to the given channel
• HGND, which is used for offset calibration
• Positive DC test signal
• Negative DC test signal
See the Internal Test Signals section for more information about the test signals. Figure 8-4 shows a diagram of
the input multiplexer on the AMC131M02.
AINnP
SW
HGND
AINnN
SW
+
DC Test
Signal
–
To Positive
PGA Input
To Negative
PGA Input
MUXn[1:0] = 00
MUXn[1:0] = 00
MUXn[1:0] = 01
MUXn[1:0] = 01
MUXn[1:0] = 10
MUXn[1:0] = 10
MUXn[1:0] = 11
Figure 8-4. Input Multiplexer
8.3.6 Programmable Gain Amplifier (PGA)
Each channel of the AMC131M02 features an integrated programmable gain amplifier (PGA) that provides gains
of 1, 2, 4, 8, 16, 32, 64, and 128. The gains for all channels are individually controlled by the PGAGAINx[2:0] bits
for each channel in the GAIN register.
Changing the PGA gain scales the differential full-scale input voltage range (FSR) of the ADC. Equation 3
describes the relationship between FSR and gain. Equation 3 uses the internal reference voltage, 1.2 V, as the
scaling factor without accounting for gain error caused by tolerance in the reference voltage.
FSR = ±1.2 V / Gain
(3)
Table 8-1 shows the corresponding full-scale ranges for each gain setting.
Table 8-1. Full-Scale Range
GAIN SETTING
FSR
1
±1.2 V
2
±600 mV
4
±300 mV
8
±150 mV
16
±75 mV
32
±37.5 mV
64
±18.75 mV
128
±9.375 mV
AMC131M02
SBASA56 – SEPTEMBER 2023
www.ti.com
20
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: AMC131M02



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com