Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AMC131M02DFMR Datasheet(PDF) 42 Page - Texas Instruments

Part # AMC131M02DFMR
Description  AMC131M02 2-Channel, 64-kSPS, Simultaneous-Sampling, 24-Bit, Reinforced Isolated Delta-Sigma ADC With Integrated DC/DC Converter
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AMC131M02DFMR Datasheet(HTML) 42 Page - Texas Instruments

Back Button AMC131M02DFMR Datasheet HTML 38Page - Texas Instruments AMC131M02DFMR Datasheet HTML 39Page - Texas Instruments AMC131M02DFMR Datasheet HTML 40Page - Texas Instruments AMC131M02DFMR Datasheet HTML 41Page - Texas Instruments AMC131M02DFMR Datasheet HTML 42Page - Texas Instruments AMC131M02DFMR Datasheet HTML 43Page - Texas Instruments AMC131M02DFMR Datasheet HTML 44Page - Texas Instruments AMC131M02DFMR Datasheet HTML 45Page - Texas Instruments AMC131M02DFMR Datasheet HTML 46Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 89 page
background image
8.5.2 ADC Conversion Data
The device provides conversion data for each channel at the data rate set by the OSR bits in the CLOCK
register. The time when data are available relative to DRDY asserting is determined by the channel phase
calibration setting and the DRDY_SEL[1:0] bits in the MODE register when in continuous-conversion mode.
All data are available immediately following DRDY assertion in global-chop mode. The conversion status of all
channels is available as the DRDY[1:0] bitsin the STATUS register. The STATUS register content is automatically
output as the response to the NULL command.
Conversion data are 24 bits. The data LSBs are truncated when the device operates with a 16-bit word size.
The LSBs are zero padded or the MSBs sign extended when operating with a 32-bit word size depending on the
setting of the WLENGTH[1:0] bits in the MODE register.
Data are given in binary two's-complement format. Use Equation 10 to calculate the size of one code (LSB).
1 LSB = (2.4 V / Gain) / 224 = +FSR / 223
(10)
A positive full-scale input VIN ≥ +FSR – 1 LSB = 1.2 V / Gain – 1 LSB produces an output code of 7FFFFFh, and
a negative full-scale input (VIN ≤ –FSR = –1.2 V / Gain) produces an output code of 800000h. The output clips at
these codes for signals that exceed full-scale.
Table 8-10 summarizes the ideal output codes for different input signals.
Table 8-10. Ideal Output Code versus Input Signal
INPUT SIGNAL,
VIN = VAINP – VAINN
IDEAL OUTPUT CODE
≥ FSR (223 – 1) / 223
7FFFFFh
FSR / 223
000001h
0
000000h
–FSR / 223
FFFFFFh
≤ –FSR
800000h
Figure 8-23 shows the mapping of the analog input signal to the output codes.
7FFFFFh
-
FS
¼
0
¼
FS
Input Voltage V
IN
7FFFFEh
000001h
000000h
800000h
FFFFFFh
800001h
-
FS
2
-
1
23
2
23
FS
2
-
1
23
2
23
Figure 8-23. Code Transition Diagram
AMC131M02
SBASA56 – SEPTEMBER 2023
www.ti.com
42
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: AMC131M02



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com