Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AMC131M02DFMR Datasheet(PDF) 57 Page - Texas Instruments

Part # AMC131M02DFMR
Description  AMC131M02 2-Channel, 64-kSPS, Simultaneous-Sampling, 24-Bit, Reinforced Isolated Delta-Sigma ADC With Integrated DC/DC Converter
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AMC131M02DFMR Datasheet(HTML) 57 Page - Texas Instruments

Back Button AMC131M02DFMR Datasheet HTML 53Page - Texas Instruments AMC131M02DFMR Datasheet HTML 54Page - Texas Instruments AMC131M02DFMR Datasheet HTML 55Page - Texas Instruments AMC131M02DFMR Datasheet HTML 56Page - Texas Instruments AMC131M02DFMR Datasheet HTML 57Page - Texas Instruments AMC131M02DFMR Datasheet HTML 58Page - Texas Instruments AMC131M02DFMR Datasheet HTML 59Page - Texas Instruments AMC131M02DFMR Datasheet HTML 60Page - Texas Instruments AMC131M02DFMR Datasheet HTML 61Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 89 page
background image
8.6.6 CFG Register (Address = 06h) [Reset = 0600h]
Return to the Summary Table.
Figure 8-36. CFG Register
15
14
13
12
11
10
9
8
RESERVED
GPO_EN
GPO_DAT
GC_DLY[3:0]
GC_EN
R/W-0b
R/W-0b
R/W-0b
R/W-0011b
R/W-0b
7
6
5
4
3
2
1
0
RESERVED
R/W-00000000b
Table 8-20. CFG Register Field Descriptions
Bit
Field
Type
Reset
Description
15
RESERVED
R/W
0b
Reserved
Always write 0b
14
GPO_EN
R/W
0b
Digital output enable
Enables digital output (GPO) functionality at AIN2P pin.
0b = Digital output disabled
1b = Digital output enabled
13
GPO_DAT
R/W
0b
Digital output data
Digital output (GPO) data if GPO_EN = 1b.
0b = Zero output
1b = One output
12:9
GC_DLY[3:0]
R/W
0011b
Global-chop delay selection
Delay in modulator clock periods before measurement begins.
0000b = 2
0001b = 4
0010b = 8
0011b = 16
0100b = 32
0101b = 64
0110b = 128
0111b = 256
1000b = 512
1001b = 1024
1010b = 2048
1011b = 4096
1100b = 8192
1101b = 16384
1110b = 32768
1111b = 65536
8
GC_EN
R/W
0b
Global-chop enable
0b = Disabled
1b = Enabled
7:0
RESERVED
R/W
00000000b
Reserved
Always write 00000000b
www.ti.com
AMC131M02
SBASA56 – SEPTEMBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
57
Product Folder Links: AMC131M02



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com