Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF51802-QCAA-R Datasheet(PDF) 4 Page - Nordic Semiconductor

Part # NRF51802-QCAA-R
Description  Multiprotocol Bluetooth® low energy/2.4 GHz RF System on Chip
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF51802-QCAA-R Datasheet(HTML) 4 Page - Nordic Semiconductor

  NRF51802-QCAA-R Datasheet HTML 1Page - Nordic Semiconductor NRF51802-QCAA-R Datasheet HTML 2Page - Nordic Semiconductor NRF51802-QCAA-R Datasheet HTML 3Page - Nordic Semiconductor NRF51802-QCAA-R Datasheet HTML 4Page - Nordic Semiconductor NRF51802-QCAA-R Datasheet HTML 5Page - Nordic Semiconductor NRF51802-QCAA-R Datasheet HTML 6Page - Nordic Semiconductor NRF51802-QCAA-R Datasheet HTML 7Page - Nordic Semiconductor NRF51802-QCAA-R Datasheet HTML 8Page - Nordic Semiconductor NRF51802-QCAA-R Datasheet HTML 9Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 85 page
background image
Page 4
nRF51802 Product Specification v1.2
November 2015
0.7
Updated content:
• Section 1.1 “Required reading” on page 7
• Chapter 6 “Absolute maximum ratings” on page 33
• Chapter 7 “Operating conditions” on page 34
• Section 8.1.2 “16 MHz crystal oscillator (16M XOSC)” on page 36
• Section 8.1.4 “16 MHz RC oscillator (16M RCOSC)” on page 38
• Chapter 8.1.5 “32.768 kHz crystal oscillator (32k XOSC)” on page 38
• Section 8.2 “Power management” on page 40
• Section 8.4 “CPU” on page 44
• Section 8.5.4 “Transmitter specifications” on page 47
• Section 8.5.5 “Receiver specifications” on page 48
• Section 8.8 “Serial Peripheral Interface Slave (SPIS) specifications” on page 52
• Section 8.12 “Analog to Digital Converter (ADC) specifications” on page 56
• Section 11.3 “QFAA QFN48 package” on page 73
January 2015
0.5
First release.
Date
Version
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com