Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF51802-QCAA-R Datasheet(PDF) 22 Page - Nordic Semiconductor

Part # NRF51802-QCAA-R
Description  Multiprotocol Bluetooth® low energy/2.4 GHz RF System on Chip
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF51802-QCAA-R Datasheet(HTML) 22 Page - Nordic Semiconductor

Back Button NRF51802-QCAA-R Datasheet HTML 18Page - Nordic Semiconductor NRF51802-QCAA-R Datasheet HTML 19Page - Nordic Semiconductor NRF51802-QCAA-R Datasheet HTML 20Page - Nordic Semiconductor NRF51802-QCAA-R Datasheet HTML 21Page - Nordic Semiconductor NRF51802-QCAA-R Datasheet HTML 22Page - Nordic Semiconductor NRF51802-QCAA-R Datasheet HTML 23Page - Nordic Semiconductor NRF51802-QCAA-R Datasheet HTML 24Page - Nordic Semiconductor NRF51802-QCAA-R Datasheet HTML 25Page - Nordic Semiconductor NRF51802-QCAA-R Datasheet HTML 26Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 85 page
background image
Page 22
nRF51802 Product Specification v1.2
3.5
Programmable Peripheral Interconnect (PPI)
The Programmable Peripheral Interconnect (PPI) enables peripherals to interact autonomously with each
other using tasks and events independent of the CPU. The PPI allows precise synchronization between
peripherals when real-time application constraints exist and eliminates the need for CPU activity to
implement behavior which can be predefined using PPI.
Table 7 PPI properties
The PPI system has in addition to the fully programmable peripheral interconnections, a set of channels
where the event (EEP) and task (TEP) endpoints are set in hardware. These fixed channels can be individually
enabled, disabled, or added to PPI channel groups in the same way as ordinary PPI channels. See the nRF51
Series Reference Manual for more information.
Table 8 Pre-programmed PPI channels
Instance
Channel
Number of channels
Number of groups
PPI
0 - 15
16
4
Instance
Channel
Number of channels
Number of groups
PPI
20 - 31
12
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com