Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF51802-QCAA-R Datasheet(PDF) 67 Page - Nordic Semiconductor

Part # NRF51802-QCAA-R
Description  Multiprotocol Bluetooth® low energy/2.4 GHz RF System on Chip
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF51802-QCAA-R Datasheet(HTML) 67 Page - Nordic Semiconductor

Back Button NRF51802-QCAA-R Datasheet HTML 63Page - Nordic Semiconductor NRF51802-QCAA-R Datasheet HTML 64Page - Nordic Semiconductor NRF51802-QCAA-R Datasheet HTML 65Page - Nordic Semiconductor NRF51802-QCAA-R Datasheet HTML 66Page - Nordic Semiconductor NRF51802-QCAA-R Datasheet HTML 67Page - Nordic Semiconductor NRF51802-QCAA-R Datasheet HTML 68Page - Nordic Semiconductor NRF51802-QCAA-R Datasheet HTML 69Page - Nordic Semiconductor NRF51802-QCAA-R Datasheet HTML 70Page - Nordic Semiconductor NRF51802-QCAA-R Datasheet HTML 71Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 85 page
background image
Page 67
nRF51802 Product Specification v1.2
10.6
Code ranges and values
Table 67 Package codes
Table 68 Variant codes
Table 69 Hardware version codes
Table 70 Production version codes
Table 71 Firmware version codes
Table 72 Year codes
Table 73 Week codes
<PP>
Package
Size (mm)
Pin/Ball Count
Pitch (mm)
QF
QFN
6 x 6
48
0.4
QC
QFN
5 x 5
32
0.5
<VV>
Flash (kB)
RAM (kB)
DC/DC Bond-out
AA
256
16
YES
<H>
Description
[A. .Z]
Hardware version/revision identifier (incremental)
<P>
Description
[0. .9]
Production device identifier (incremental)
[A. .Z]
Engineering device identifier (incremental)
<F>
Description
[A. .N, P. .Z]
Version of programmed firmware
[0]
Delivered without preprogrammed firmware
<YY>
Description
[15. .99]
Production year: 2015 to 2099
<WW>
Description
[1. .52]
Week of production



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com