Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF51802-QCAA-R Datasheet(PDF) 46 Page - Nordic Semiconductor

Part # NRF51802-QCAA-R
Description  Multiprotocol Bluetooth® low energy/2.4 GHz RF System on Chip
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF51802-QCAA-R Datasheet(HTML) 46 Page - Nordic Semiconductor

Back Button NRF51802-QCAA-R Datasheet HTML 42Page - Nordic Semiconductor NRF51802-QCAA-R Datasheet HTML 43Page - Nordic Semiconductor NRF51802-QCAA-R Datasheet HTML 44Page - Nordic Semiconductor NRF51802-QCAA-R Datasheet HTML 45Page - Nordic Semiconductor NRF51802-QCAA-R Datasheet HTML 46Page - Nordic Semiconductor NRF51802-QCAA-R Datasheet HTML 47Page - Nordic Semiconductor NRF51802-QCAA-R Datasheet HTML 48Page - Nordic Semiconductor NRF51802-QCAA-R Datasheet HTML 49Page - Nordic Semiconductor NRF51802-QCAA-R Datasheet HTML 50Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 85 page
background image
Page 46
nRF51802 Product Specification v1.2
8.5.3
Radio current consumption with DC/DC enabled
Table 35 Radio current consumption with DC/DC enabled (NOC, VDD = 3 V)
Figure 10 DC/DC conversion factor as function of VDD
See Power chapter in the nRF51 Series Reference Manual on how to use the DC/DC conversion factor to
calculate the actual power consumption.
Symbol
Description
Note
Min.
Typ.
Max.
Units
Test
level
ITX,+4dBm
TX only run current at POUT = +4 dBm.
1
1. Valid for data rates 250 kbps, 1 Mbps, and 2 Mbps.
11.8
mA
2
ITX,0dBm
TX only run current at POUT = 0 dBm.
1
8.0
mA
2
ITX,-4dBm
TX only run current at POUT = -4 dBm.
1
6.3
mA
2
ITX,-8dBm
TX only run current at POUT = -8 dBm.
1
5.6
mA
2
ITX,-12dBm
TX only run current at POUT = -12 dBm.
1
5.3
mA
2
ITX,-16dBm
TX only run current at POUT = -16 dBm.
1
5.0
mA
2
ITX,-20dBm
TX only run current at POUT = -20 dBm.
1
4.7
mA
2
ITX,-30dBm
TX only run current at POUT = -30 dBm.
1
4.7
mA
2
IRX,1M
RX only run current at 1 Mbps.
10.0
mA
2
0,600
0,700
0,800
0,900
1,000
1,100
2,1
2,3
2,5
2,7
2,9
3,1
3,3
3,5
Tx - 1 Mbps (-12 dBm)
Tx - 1 Mbps (0 dBm)
Rx - 1 Mbps
Tx - 1 Mbps (+4 dBm)
DC/DC conversion Factor
Supply Voltage (VDD)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com