Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF51802-QCAA-R Datasheet(PDF) 49 Page - Nordic Semiconductor

Part # NRF51802-QCAA-R
Description  Multiprotocol Bluetooth® low energy/2.4 GHz RF System on Chip
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF51802-QCAA-R Datasheet(HTML) 49 Page - Nordic Semiconductor

Back Button NRF51802-QCAA-R Datasheet HTML 45Page - Nordic Semiconductor NRF51802-QCAA-R Datasheet HTML 46Page - Nordic Semiconductor NRF51802-QCAA-R Datasheet HTML 47Page - Nordic Semiconductor NRF51802-QCAA-R Datasheet HTML 48Page - Nordic Semiconductor NRF51802-QCAA-R Datasheet HTML 49Page - Nordic Semiconductor NRF51802-QCAA-R Datasheet HTML 50Page - Nordic Semiconductor NRF51802-QCAA-R Datasheet HTML 51Page - Nordic Semiconductor NRF51802-QCAA-R Datasheet HTML 52Page - Nordic Semiconductor NRF51802-QCAA-R Datasheet HTML 53Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 85 page
background image
Page 49
nRF51802 Product Specification v1.2
Table 37 Receiver specifications
250 kbps
C/ICO
C/I co-channel.
4
dB
2
C/I1ST
1st ACS, C/I 1 MHz.
-10
dB
2
C/I2ND
2nd ACS, C/I 2 MHz.
-33
dB
2
C/I3RD
3rd ACS, C/I 3 MHz.
-37
dB
2
C/I6th
6th ACS, C/I fi > 6 MHz.
-50
dB
2
C/I12th
12th ACS, C/I 12 MHz.
-55
dB
2
C/INth
Nth ACS, C/I fi > 25 MHz.
-58
dB
2
Bluetooth Low Energy RX selectivity
C/ICO
C/I co-channel.
12
dB
2
C/I1ST
1st ACS, C/I 1 MHz.
3
dB
2
C/I2ND
2nd ACS, C/I 2 MHz.
-25
dB
2
C/I3+N
ACS, C/I (3+n) MHz offset [n = 0, 1, 2, . . .].
-51
dB
2
C/IImage
lmage blocking level.
-30
dB
2
C/IImage±1MHz
Adjacent channel to image blocking level (±1 MHz).
-31
dB
2
RX intermodulation3
P_IMD2Mbps
IMD performance, 2 Mbps,
3rd, 4th, and 5th offset channel.
-37
dBm
2
P_IMD1Mbps
IMD performance, 1 Mbps,
3rd, 4th, and 5th offset channel.
-36
dBm
2
P_IMD250kbps
IMD performance, 250 kbps,
3rd, 4th, and 5th offset channel.
-33
dBm
2
P_IMDBLE
IMD performance, 1 Mbps BLE,
3rd, 4th, and 5th offset channel.
-38
dBm
2
1. As defined in the Bluetooth Core Specification v4.0 Volume 6: Core System Package (Low Energy Controller Volume).
2. Wanted signal level at PIN = -67 dBm. One interferer is used, having equal modulation as the wanted signal. The input
power of the interferer where the sensitivity equals BER = 0.1% is presented.
3. Wanted signal level at PIN = -64 dBm. Two interferers with equal input power are used. The interferer closest in fre-
quency is not modulated, the other interferer is modulated equal with the wanted signal. The input power of interferers
where the sensitivity equals BER = 0.1% is presented.
Symbol
Description
Min.
Typ.
Max.
Units
Test
level



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com