Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF51802-QCAA-R Datasheet(PDF) 10 Page - Nordic Semiconductor

Part # NRF51802-QCAA-R
Description  Multiprotocol Bluetooth® low energy/2.4 GHz RF System on Chip
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF51802-QCAA-R Datasheet(HTML) 10 Page - Nordic Semiconductor

Back Button NRF51802-QCAA-R Datasheet HTML 6Page - Nordic Semiconductor NRF51802-QCAA-R Datasheet HTML 7Page - Nordic Semiconductor NRF51802-QCAA-R Datasheet HTML 8Page - Nordic Semiconductor NRF51802-QCAA-R Datasheet HTML 9Page - Nordic Semiconductor NRF51802-QCAA-R Datasheet HTML 10Page - Nordic Semiconductor NRF51802-QCAA-R Datasheet HTML 11Page - Nordic Semiconductor NRF51802-QCAA-R Datasheet HTML 12Page - Nordic Semiconductor NRF51802-QCAA-R Datasheet HTML 13Page - Nordic Semiconductor NRF51802-QCAA-R Datasheet HTML 14Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 85 page
background image
Page 10
nRF51802 Product Specification v1.2
2.2.1.1
Pin functions QFN48
Pin
Pin name
Pin function
Description
1
VDD
Power
Power supply.
2
DCC
Power
DC/DC output voltage to external LC filter.
3
P0.30
Digital I/O
General purpose I/O pin.
4
P0.00
AREF0
Digital I/O
Analog input
General purpose I/O pin.
ADC/LPCOMP reference input 0.
5
P0.01
AIN2
Digital I/O
Analog input
General purpose I/O pin.
ADC/LPCOMP input 2.
6
P0.02
AIN3
Digital I/O
Analog input
General purpose I/O pin.
ADC/LPCOMP input 3.
7
P0.03
AIN4
Digital I/O
Analog input
General purpose I/O pin.
ADC/LPCOMP input 4.
8
P0.04
AIN5
Digital I/O
Analog input
General purpose I/O pin.
ADC/LPCOMP input 5.
9
P0.05
AIN6
Digital I/O
Analog input
General purpose I/O pin.
ADC/LPCOMP input 6.
10
P0.06
AIN7
AREF1
Digital I/O
Analog input
Analog input
General purpose I/O pin.
ADC/LPCOMP input 7.
ADC/LPCOMP reference input 1.
11
P0.07
Digital I/O
General purpose I/O pin.
12
VDD
Power
Power supply.
13
VSS
Power
Ground (0 V)1.
14 to 22
P0.08 to P0.16
Digital I/O
General purpose I/O pin.
23
SWDIO/nRESET
Digital I/O
System reset (active low). Also hardware debug and flash
programming I/O.
24
SWDCLK
Digital input
Hardware debug and flash programming I/O.
25 to 28
P0.17 to P0.20
Digital I/O
General purpose I/O pin.
29
DEC2
Power
Power supply decoupling.
30
VDD_PA
Power output
Power supply output (+1.6 V) for on-chip RF power amp.
31
ANT1
RF
Differential antenna connection (TX and RX).
32
ANT2
RF
Differential antenna connection (TX and RX).
33, 34
VSS
Power
Ground (0 V).
35, 36
AVDD
Power
Analog power supply (Radio).
37
XC1
Analog input
Connection for 16/32 MHz crystal or external 16 MHz clock
reference.
38
XC2
Analog output
Connection for 16/32 MHz crystal.
39
DEC1
Power
Power supply decoupling.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com