Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF51802-QCAA-R Datasheet(PDF) 41 Page - Nordic Semiconductor

Part # NRF51802-QCAA-R
Description  Multiprotocol Bluetooth® low energy/2.4 GHz RF System on Chip
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF51802-QCAA-R Datasheet(HTML) 41 Page - Nordic Semiconductor

Back Button NRF51802-QCAA-R Datasheet HTML 37Page - Nordic Semiconductor NRF51802-QCAA-R Datasheet HTML 38Page - Nordic Semiconductor NRF51802-QCAA-R Datasheet HTML 39Page - Nordic Semiconductor NRF51802-QCAA-R Datasheet HTML 40Page - Nordic Semiconductor NRF51802-QCAA-R Datasheet HTML 41Page - Nordic Semiconductor NRF51802-QCAA-R Datasheet HTML 42Page - Nordic Semiconductor NRF51802-QCAA-R Datasheet HTML 43Page - Nordic Semiconductor NRF51802-QCAA-R Datasheet HTML 44Page - Nordic Semiconductor NRF51802-QCAA-R Datasheet HTML 45Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 85 page
background image
Page 41
nRF51802 Product Specification v1.2
Power on reset time (tPOR) is the time from when the supply starts rising to when the device comes out of
reset and the CPU starts. The time increases with, and is inclusive of, supply rise time from 0 V to VDD.
Table 28 gives tPOR for a number of supply rise times, simulated with a linear ramp from 0 V to VDD, over the
supply voltage range 1.8 V to 3.6 V.
Table 28 Power on reset time
The data in Figure 9 and Table 29 show measured t_POR data. Measurements were taken using the reference
circuit shown in Section 11.3.1 “QFAA QFN48 schematic with internal LDO setup” on page 73 with the given
supply voltage and temperature conditions.
Figure 9 Power on reset time (Test level 2)
Table 29 Supply rise time at sample voltages for the measured data shown in Figure 9.
Symbol
Description
Note
Min.
Typ.
Max.
Units
Test
level
tPOR, 10 μs
Power on reset time, 10 μs rise
time (0 V to VDD).
0.6
3.2
20
ms
1
tPOR, 1 ms
Power on reset time, 1 ms rise
time (0 V to VDD).
1.5
4.1
21
ms
1
tPOR, 10 ms
Power on reset time, 10 ms rise
time (0 V to VDD).
10
13
30
ms
1
tPOR, 50 ms
Power on reset time, 50 ms rise
time (0 V to VDD).
38
52
68
ms
1
VDD
Rise Time from 10% to 90% of VDD
1.8
570 μs
3.0
605 μs
3.6
635 μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com