Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF51802-QCAA-R Datasheet(PDF) 37 Page - Nordic Semiconductor

Part # NRF51802-QCAA-R
Description  Multiprotocol Bluetooth® low energy/2.4 GHz RF System on Chip
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF51802-QCAA-R Datasheet(HTML) 37 Page - Nordic Semiconductor

Back Button NRF51802-QCAA-R Datasheet HTML 33Page - Nordic Semiconductor NRF51802-QCAA-R Datasheet HTML 34Page - Nordic Semiconductor NRF51802-QCAA-R Datasheet HTML 35Page - Nordic Semiconductor NRF51802-QCAA-R Datasheet HTML 36Page - Nordic Semiconductor NRF51802-QCAA-R Datasheet HTML 37Page - Nordic Semiconductor NRF51802-QCAA-R Datasheet HTML 38Page - Nordic Semiconductor NRF51802-QCAA-R Datasheet HTML 39Page - Nordic Semiconductor NRF51802-QCAA-R Datasheet HTML 40Page - Nordic Semiconductor NRF51802-QCAA-R Datasheet HTML 41Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 85 page
background image
Page 37
nRF51802 Product Specification v1.2
8.1.3
32 MHz crystal oscillator (32M XOSC)
Table 21 32 MHz crystal oscillator
Symbol
Description
Note
Min. Typ.
Max.
Units
Test
level
fNOM,X32M
Crystal frequency.
32
MHz
N/A
fTOL,X32M
Frequency tolerance.1
1. The Frequency tolerance relates to the amount of time the radio can be in transmit mode. See
Table 36 on page 47.
±502
2. Includes initial tolerance of the crystal, drift over temperature, aging and frequency pulling due to incorrect load capac-
itance.
ppm
N/A
fTOL,X32M,BLE
Frequency tolerance, Bluetooth low
energy applications.1
±402
ppm
N/A
RS,X32M
Equivalent series resistance.
C0 ≤ 7 pF, CL,MAX ≤ 12 pF
C0 ≤ 5 pF, CL,MAX ≤ 12 pF
C0 ≤ 3 pF, CL,MAX ≤ 9 pF
30
40
50
60
80
100
Ω
Ω
Ω
N/A
N/A
N/A
PD,X32M
Drive level.
100
μW
N/A
Cpin
Input capacitance on XC1 and XC2
pads.
4
pF
1
IX32M
Run current for 32 MHz crystal
oscillator.
SMD 2520 CL = 8 pF
5003
3. This number includes the current used by the automated power and clock management system.
μA
1
IX32M,1M
Run current for the 32 MHz crystal
oscillator when used only for a
Timer at 1 MHz or less.
SMD 2520 CL = 8 pF
3003
μA
1
ISTBY,X32M
Standby current for 32 MHz crystal
oscillator.4
4. Standby current is the current drawn by the oscillator when there are no resources requesting the 32M, meaning there
is no clock management active (see
Table 31 on page 44). This value will depend on type of crystal.
SMD 2520 CL = 8 pF
30
μA
1
ISTART,XOSC
Startup current for 32 MHz crystal
oscillator.
1.1
mA
3
tSTART,XOSC
Startup time for 32 MHz crystal
oscillator.
SMD 2520 CL = 8 pF
300
4005
5. Crystals with other specification than SMD 2520 may have much longer startup times.
μs
1
tSTART,X32M
Total startup time
(tSTART,XOSC + debounce period).
6
6. This is the time from when the crystal oscillator is powered up until its output becomes available to the system. It
includes both the crystal startup time and the debounce period.
SMD 2520 CL = 8 pF
750
μs
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com