Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF51802-QCAA-R Datasheet(PDF) 34 Page - Nordic Semiconductor

Part # NRF51802-QCAA-R
Description  Multiprotocol Bluetooth® low energy/2.4 GHz RF System on Chip
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF51802-QCAA-R Datasheet(HTML) 34 Page - Nordic Semiconductor

Back Button NRF51802-QCAA-R Datasheet HTML 30Page - Nordic Semiconductor NRF51802-QCAA-R Datasheet HTML 31Page - Nordic Semiconductor NRF51802-QCAA-R Datasheet HTML 32Page - Nordic Semiconductor NRF51802-QCAA-R Datasheet HTML 33Page - Nordic Semiconductor NRF51802-QCAA-R Datasheet HTML 34Page - Nordic Semiconductor NRF51802-QCAA-R Datasheet HTML 35Page - Nordic Semiconductor NRF51802-QCAA-R Datasheet HTML 36Page - Nordic Semiconductor NRF51802-QCAA-R Datasheet HTML 37Page - Nordic Semiconductor NRF51802-QCAA-R Datasheet HTML 38Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 85 page
background image
Page 34
nRF51802 Product Specification v1.2
7
Operating conditions
The operating conditions are the physical parameters that the chip can operate within as defined in
Table 18.
Table 18 Operating conditions
Nominal operating conditions (NOC) - conditions under which the chip is operated and tested are the
typical (Typ.) values in Table 18.
Extreme operating conditions (EOC) - conditions under which the chip is operated and tested are the
minimum (Min.) and maximum (Max.) values in Table 18.
Symbol
Parameter
Notes
Min.
Typ.
Max.
Units
VDD
Supply voltage, internal LDO setup
1.8
3.0
3.6
V
VDD
Supply voltage, DC/DC converter setup
2.1
3.0
3.6
V
VDD
Supply voltage, low voltage mode
setup
1,2
1. Minimum operating temperature is -25°C in low voltage mode.
2. DEC2 shall be connected to VDD in this mode.
1.75
1.8
1.95
V
tR_VDD
Supply rise time (0 V to VDD)
3
3. The on-chip power-on reset circuitry may not function properly for rise times outside the specified interval.
50
ms
TA
Operating temperature
-40
25
85
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com