Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M24M02E-F Datasheet(PDF) 11 Page - STMicroelectronics

Part # M24M02E-F
Description  2-Mbit serial I²C bus EEPROM with configurable device address, software write protection registers, and preprogrammed device address
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24M02E-F Datasheet(HTML) 11 Page - STMicroelectronics

Back Button M24M02E-F Datasheet HTML 7Page - STMicroelectronics M24M02E-F Datasheet HTML 8Page - STMicroelectronics M24M02E-F Datasheet HTML 9Page - STMicroelectronics M24M02E-F Datasheet HTML 10Page - STMicroelectronics M24M02E-F Datasheet HTML 11Page - STMicroelectronics M24M02E-F Datasheet HTML 12Page - STMicroelectronics M24M02E-F Datasheet HTML 13Page - STMicroelectronics M24M02E-F Datasheet HTML 14Page - STMicroelectronics M24M02E-F Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 54 page
background image
5.1
Start condition
The start condition is identified by a falling edge of serial data (SDA) while the serial clock (SCL) is stable in the
high state. This condition must precede any data transfer instruction. The device continuously monitors the SDA
and SCL for a start signal, except during a write cycle.
5.2
Stop condition
The stop condition is identified by a rising edge of serial data (SDA) while the serial clock (SCL) is stable in the
high state. This condition terminates the communication between the device and the bus controller. A read
instruction followed by NO ACK can be followed by a stop condition to force the device into the standby mode. A
stop condition at the end of a write instruction triggers the internal write cycle.
5.3
Data input
During data input, the device samples the serial data (SDA) on the rising edge of the serial clock (SCL). For
proper device operation, the SDA must be stable during the rising edge of the SCL, and the SDA signal must
change only when the SCL is driven low.
5.4
Acknowledge bit (ACK)
The acknowledge bit is used to indicate a successful byte transfer. The bus transmitter, whether a bus controller
or target device, releases serial data (SDA) after sending eight bits of data. During the ninth clock pulse period,
the receiver pulls SDA low to acknowledge the receipt of the eight data bits.
M24M02E-F
Device operation
DS14157 - Rev 2
page 11/54



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com