Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M24M02E-F Datasheet(PDF) 14 Page - STMicroelectronics

Part # M24M02E-F
Description  2-Mbit serial I²C bus EEPROM with configurable device address, software write protection registers, and preprogrammed device address
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24M02E-F Datasheet(HTML) 14 Page - STMicroelectronics

Back Button M24M02E-F Datasheet HTML 10Page - STMicroelectronics M24M02E-F Datasheet HTML 11Page - STMicroelectronics M24M02E-F Datasheet HTML 12Page - STMicroelectronics M24M02E-F Datasheet HTML 13Page - STMicroelectronics M24M02E-F Datasheet HTML 14Page - STMicroelectronics M24M02E-F Datasheet HTML 15Page - STMicroelectronics M24M02E-F Datasheet HTML 16Page - STMicroelectronics M24M02E-F Datasheet HTML 17Page - STMicroelectronics M24M02E-F Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 54 page
background image
6
Instructions
6.1
Write operations on memory array
Following a start condition the bus controller sends a device select code with the R/W bit (RW) reset to 0. The
device acknowledges this, as shown in Figure 6, and waits for two address bytes. The device responds to each
address byte with an acknowledge bit, and then waits for the data byte. See in Table 9, Table 10, and Table 11
how to address the memory array. The 256-Kbyte (2-Mbit) are addressed with 18 address bits, the 16 lower
address bits being defined by the two address bytes and the most significant address bit (A17 and A16) being
included in the device select code (see Table 9).
When the bus controller generates a stop condition immediately after a data byte ACK bit (in the tenth bit time
slot), either at the end of a byte write or a page write, the internal write cycle tW is triggered. A stop condition at
any other time slot does not trigger the internal write cycle.
After the stop condition and the successful completion of an internal write cycle (tW), the device internal address
counter is automatically incremented to point to the next byte after the last modified byte.
During the internal write cycle, serial data (SDA) is disabled internally, and the device does not respond to any
requests.
If the addressed area is write protected by software through the SWP setting or hard protected through WC pin
driven high, the write instruction is not executed and the accompanying data bytes are not acknowledged, as
shown in Figure 7.
M24M02E-F
Instructions
DS14157 - Rev 2
page 14/54



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com