Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M24M02E-F Datasheet(PDF) 26 Page - STMicroelectronics

Part # M24M02E-F
Description  2-Mbit serial I²C bus EEPROM with configurable device address, software write protection registers, and preprogrammed device address
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24M02E-F Datasheet(HTML) 26 Page - STMicroelectronics

Back Button M24M02E-F Datasheet HTML 22Page - STMicroelectronics M24M02E-F Datasheet HTML 23Page - STMicroelectronics M24M02E-F Datasheet HTML 24Page - STMicroelectronics M24M02E-F Datasheet HTML 25Page - STMicroelectronics M24M02E-F Datasheet HTML 26Page - STMicroelectronics M24M02E-F Datasheet HTML 27Page - STMicroelectronics M24M02E-F Datasheet HTML 28Page - STMicroelectronics M24M02E-F Datasheet HTML 29Page - STMicroelectronics M24M02E-F Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 54 page
background image
6.5
Read operations on features
Only the random address read or sequential random read commands are authorized to access the four additional
features. The address counter contains meaningful address value only after these authorized commands have
been performed.
6.5.1
Read operation on DTI register
Following a start condition the bus controller sends a device select code with the R/W bit (RW) set to 0. The
device acknowledges this and waits for the address bytes where the DTI register is located. The device responds
to each address byte with an acknowledge bit. Then, the bus controller sends another start condition, and repeats
the device select code, with the RW bit set to 1. The device acknowledges this, and outputs the contents of the
DTI register. See in Table 9, Table 10, and Table 11 how to address the device type identifier register.
After the successful completion of a read device type identifier, the device internal address counter is not
incremented by one, to point to the next byte address. Reading more than one byte with the sequential random
read command loops on reading the device type identifier register value.
To terminate the stream of data byte, the bus controller must not acknowledge the byte, and must generate a stop
condition, as shown in Figure 18.
The device type identifier register cannot be read while a write cycle (tW) is ongoing.
Figure 18. Random read DTI register
Dev sel*
Byte addr
Byte addr
Data out
ACK
RW
ACK
ACK
NO ACK
RW
ACK
Dev sel*
*: The seven most significant bits of the first device select code in a random read must match those of the device
select code in the write operation.
M24M02E-F
Instructions
DS14157 - Rev 2
page 26/54



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com