Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M24M02E-F Datasheet(PDF) 19 Page - STMicroelectronics

Part # M24M02E-F
Description  2-Mbit serial I²C bus EEPROM with configurable device address, software write protection registers, and preprogrammed device address
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24M02E-F Datasheet(HTML) 19 Page - STMicroelectronics

Back Button M24M02E-F Datasheet HTML 15Page - STMicroelectronics M24M02E-F Datasheet HTML 16Page - STMicroelectronics M24M02E-F Datasheet HTML 17Page - STMicroelectronics M24M02E-F Datasheet HTML 18Page - STMicroelectronics M24M02E-F Datasheet HTML 19Page - STMicroelectronics M24M02E-F Datasheet HTML 20Page - STMicroelectronics M24M02E-F Datasheet HTML 21Page - STMicroelectronics M24M02E-F Datasheet HTML 22Page - STMicroelectronics M24M02E-F Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 54 page
background image
6.2.4
Write operation on identification page
Write operations on the identification page are performed according to the state of the WC line or to the lock/
unlock status. Following a start condition the bus controller sends a device select code with the R/W bit (RW) set
to 0. The device acknowledges this, as shown in Figure 12, and waits for the address bytes where the
identification page is located. The device responds to each address byte with an acknowledge bit, and then waits
for the data byte. See in Table 9, Table 10 and Table 11 how to address the identification page.
When the bus controller generates a stop condition immediately after the data byte ACK bit (in the tenth bit time
slot), the internal write cycle tW is triggered. The device internal address counter is automatically incremented to
point to the next byte after the last modified byte.
A stop condition at any other time slot does not trigger the internal write cycle.
During the internal write cycle, serial data (SDA) is disabled internally, and the device does not respond to any
requests (NO ACK).
If the identification page is already locked in read-only mode (lock status) or hard write protected with WC line
driven high, the write operation on the identification page is not executed and the accompanying data bytes are
not acknowledged as shown in Figure 13. Write identification page (page locked or hard protected).
Figure 12. Write identification page (page unlocked)
Byte Write
Dev sel
Byte addr
Byte addr
Data in
Page Write
Dev sel
Byte addr
Byte addr
Data in 1
Page Write
(cont'd)
Data in N
R/W
ACK
ACK
ACK
ACK
R/W
ACK
ACK
ACK
ACK
ACK
ACK
M24M02E-F
Instructions
DS14157 - Rev 2
page 19/54



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com