Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M24M02E-F Datasheet(PDF) 15 Page - STMicroelectronics

Part # M24M02E-F
Description  2-Mbit serial I²C bus EEPROM with configurable device address, software write protection registers, and preprogrammed device address
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24M02E-F Datasheet(HTML) 15 Page - STMicroelectronics

Back Button M24M02E-F Datasheet HTML 11Page - STMicroelectronics M24M02E-F Datasheet HTML 12Page - STMicroelectronics M24M02E-F Datasheet HTML 13Page - STMicroelectronics M24M02E-F Datasheet HTML 14Page - STMicroelectronics M24M02E-F Datasheet HTML 15Page - STMicroelectronics M24M02E-F Datasheet HTML 16Page - STMicroelectronics M24M02E-F Datasheet HTML 17Page - STMicroelectronics M24M02E-F Datasheet HTML 18Page - STMicroelectronics M24M02E-F Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 54 page
background image
6.1.1
Byte write
After the device select code and the address bytes, the bus controller sends one data byte. If the addressed
location is write-protected, through the SWP setting or through the WC pin being driven high, the device replies
with NO ACK, and the location is not modified. If the addressed location is not write-protected, the device replies
with ACK. The bus controller terminates the transfer by generating a stop condition, as shown in Figure 6.
Figure 6. Write mode sequences without write protection (data write enabled)
WC
Byte write
Dev sel
Byte addr
Byte addr
Data in
ACK
ACK
ACK
ACK
RW
WC
Dev sel
Byte addr
Byte addr
ACK
ACK
ACK
ACK
RW
Data in 1
Data in 2
Page write
Page write (cont’d)
WC (cont’d)
ACK
ACK
Data in N
M24M02E-F
Instructions
DS14157 - Rev 2
page 15/54



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com