Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M65KG512AB8W9 Datasheet(PDF) 52 Page - STMicroelectronics

Part # M65KG512AB8W9
Description  512Mbit (4 banks x 8 Mb x 16) 1.8 V supply, DDR low power SDRAM
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M65KG512AB8W9 Datasheet(HTML) 52 Page - STMicroelectronics

Back Button M65KG512AB8W9 Datasheet HTML 46Page - STMicroelectronics M65KG512AB8W9 Datasheet HTML 47Page - STMicroelectronics M65KG512AB8W9 Datasheet HTML 48Page - STMicroelectronics M65KG512AB8W9 Datasheet HTML 49Page - STMicroelectronics M65KG512AB8W9 Datasheet HTML 50Page - STMicroelectronics M65KG512AB8W9 Datasheet HTML 51Page - STMicroelectronics M65KG512AB8W9 Datasheet HTML 52Page - STMicroelectronics M65KG512AB8W9 Datasheet HTML 53Page - STMicroelectronics M65KG512AB8W9 Datasheet HTML 54Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 52 / 54 page
background image
Part numbering
M65KG526AB
52/54
8
Part numbering
For a list of available options (Speed, Package, etc.) or for further information on any aspect
of this device, please contact the ST Sales Office nearest to you.
Table 18.
Ordering Information Scheme
Example:
M65KG512AB
8
W
8
Device Type
M65 = Low-Power SDRAM
Architecture
K = Bare Die
Operating Voltage
G = VDD = VDDQ = 1.8 V, DDR LPSDRAM, x16
Array Organization
512 = 4 Banks x 8 Mbit x 16
Number of Chip Enable Inputs
A = One Chip Enable
Die Version
B = B-Die
Speed
8 = 7.5ns (Clock frequency 133 MHz)
6 = 6.0ns (Clock frequency 166 MHz)
Delivery Form
W = Wafer form
Temperature Range
8 =
−30 to 85 °C(1)
1.
Only available with speed class 133 MHz.
9 =
−30 to 105 °C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com