Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M65KG512AB8W9 Datasheet(PDF) 20 Page - STMicroelectronics

Part # M65KG512AB8W9
Description  512Mbit (4 banks x 8 Mb x 16) 1.8 V supply, DDR low power SDRAM
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M65KG512AB8W9 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button M65KG512AB8W9 Datasheet HTML 16Page - STMicroelectronics M65KG512AB8W9 Datasheet HTML 17Page - STMicroelectronics M65KG512AB8W9 Datasheet HTML 18Page - STMicroelectronics M65KG512AB8W9 Datasheet HTML 19Page - STMicroelectronics M65KG512AB8W9 Datasheet HTML 20Page - STMicroelectronics M65KG512AB8W9 Datasheet HTML 21Page - STMicroelectronics M65KG512AB8W9 Datasheet HTML 22Page - STMicroelectronics M65KG512AB8W9 Datasheet HTML 23Page - STMicroelectronics M65KG512AB8W9 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 54 page
background image
Operating modes
M65KG526AB
20/54
4
Operating modes
There are 7 operating modes that control the memory. Each of these is composed by a
sequence of commands (see Table 6: Operating modes for a summary).
4.1
Power-Up
The DDR LPSDRAM has to be powered up and initialized in a well determined manner:
1.
After applying power to VDD and VDDQ an initial pause of at least 200µs is required
before the signals can be toggled.
2.
The Precharge command must then be issued to all banks. Until the command is
issued KE and UDQM/LDQM must be held High to make sure that DQ0-DQ15 remain
high impedance.
3.
tRP after precharging all the banks, the Mode Register and the Extended Mode
Register must be set by issuing a Mode Register Set command and an Extended Mode
Register Set command, respectively. A minimum pause of tMRD must be respected
after each register set command.
4.
After the two registers are configured, two or more auto Refresh cycles must be
executed before the device is ready for normal operation.
The third and fourth steps can be swapped.
Refer to Figure 26 for a detailed description of the Power-Up ac waveforms.
4.2
Burst Read
The M65KG512AB is switched in Burst Read mode by issuing a Bank (Row) Activate
command to set the bank and row addresses to be read from, followed by a Read command
(see Section 3.3: Bank(Row) Activate command (ACT) and Section 3.4: Read command
(READ) for details).
Burst Read can be accompanied by an Auto Precharge cycle depending on the state of the
A10 Address Input. If A10 is High (set to ‘1’) when the Burst Read command is issued, the
Burst Read operation will be followed by an Auto Precharge cycle. If A10 is Low (set to ‘0’),
the row will remain active for subsequent accesses.
Burst Read operations are performed at word level only. Different Burst Types (sequential or
interleaved), Burst Lengths (2, 4, 8, and 16 words) can be programmed using the Mode
Register bits. Only a CAS Latency of 3 clock cycles is available. Refer to Section 5.1, and to
Section 3.1: Mode Register Set command (MRS), for details on the Mode Register bits and
how to program them.
The Burst Read starts 2t
CK + t
AC after the Clock K rising edge where the Read command is
latched, where t
CK is the Clock period and t
AC is the access time from K or K. Data Strobe,
UDQS/LDQS, are output simultaneously with data. tRPRE prior to the first rising edge of the
data strobe, the UDQS/LDQS signals go from High-Z to Low state. This Low pulse is
referred to as the Read Preamble. The burst data are then output synchronized with the
rising and falling edge of the data strobe. UDQS/LDQS become High-Z on the next clock
cycle after the Burst Read is completed. tRPST from the last falling edge of the data strobe,
the DQS pins become High-Z. This low period of DQS is referred as Read Postamble.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com