Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M65KG512AB8W9 Datasheet(PDF) 28 Page - STMicroelectronics

Part # M65KG512AB8W9
Description  512Mbit (4 banks x 8 Mb x 16) 1.8 V supply, DDR low power SDRAM
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M65KG512AB8W9 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button M65KG512AB8W9 Datasheet HTML 24Page - STMicroelectronics M65KG512AB8W9 Datasheet HTML 25Page - STMicroelectronics M65KG512AB8W9 Datasheet HTML 26Page - STMicroelectronics M65KG512AB8W9 Datasheet HTML 27Page - STMicroelectronics M65KG512AB8W9 Datasheet HTML 28Page - STMicroelectronics M65KG512AB8W9 Datasheet HTML 29Page - STMicroelectronics M65KG512AB8W9 Datasheet HTML 30Page - STMicroelectronics M65KG512AB8W9 Datasheet HTML 31Page - STMicroelectronics M65KG512AB8W9 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 54 page
background image
DC and ac parameters
M65KG526AB
28/54
Table 13.
DC characteristics 2(1)
Symbol
Parameter
Test Condition
M65KG512AB
Unit
−30 to 85°C −85 to 105°C
Max
IDD1
(2)
Operating current
Burst length = 2, one bank active
tRC ≥ tRC(min), IOL = 0 mA
133 MHz
70
75
mA
166 MHz
80
mA
IDD2P
Precharge Standby
current in Power-Down
mode
KE
≤ V
IL(max), tCK = tCK(min)
0.8
1.4
mA
IDD2PS
KE
≤ V
IL(max), tCK = ∞
0.6
1.2
IDD2N
Precharge Standby
current in non Power-
Down mode
KE ≥ VIH (min), E ≥ VIH (min),
tCK = tCK(min), Input signals
changed once in 2 clock cycles.
133 MHz
4.0
4.6
mA
166 MHz
5.0
6.0
IDD2NS
KE
≥ V
IH (min), tCK = ∞, Input signals are
stable
2.0
2.6
IDD3P
Active Standby current
in Power-Down mode
KE
≤ V
IL(max), tCK = tCK(min)
133 MHz
3.0
3.1
mA
166 MHz
3.0
4.0
IDD3PS
KE
≤ V
IL(max), tCK = ∞
1.2
1.8
IDD3N
Active Standby current
in non Power-Down
mode
KE
≥ V
IH (min), E ≥ VIH (min), tCK = tCK(min),
Input signals are changed once in 2 clock
cycles.
10.0
mA
IDD3NS
KE
≥ V
IH (min), tCK = ∞, Input signals are
stable
7.0
IDD4
(2)
Burst Mode current
tCK ≥ tCK (min), IOL = 0 mA
All banks active,
Burst Length = 4
133 MHz
90.0
140
mA
166 MHz
180
mA
IDD5
(3)
Auto Refresh current
tRRC ≥ tRRC (min)
90.0
mA
IDD6
Self Refresh current
KE
≤ 0.2 V
See Table 14
µA
IDD7
Standby current in Deep
Power-down mode
KE
≤ 0.2 V (see Section 4.7: Deep Power-
Down)
10
µA
1.
VDD and VDDQ = 1.7 to 1.9V, VSS = VSSQ = 0V.
2.
IDD1 and IDD4 depend on output loading and cycle rates. Specified values are measured with the output open.
3.
Addresses change only once during tCK.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com