Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M65KG512AB8W9 Datasheet(PDF) 22 Page - STMicroelectronics

Part # M65KG512AB8W9
Description  512Mbit (4 banks x 8 Mb x 16) 1.8 V supply, DDR low power SDRAM
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M65KG512AB8W9 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button M65KG512AB8W9 Datasheet HTML 18Page - STMicroelectronics M65KG512AB8W9 Datasheet HTML 19Page - STMicroelectronics M65KG512AB8W9 Datasheet HTML 20Page - STMicroelectronics M65KG512AB8W9 Datasheet HTML 21Page - STMicroelectronics M65KG512AB8W9 Datasheet HTML 22Page - STMicroelectronics M65KG512AB8W9 Datasheet HTML 23Page - STMicroelectronics M65KG512AB8W9 Datasheet HTML 24Page - STMicroelectronics M65KG512AB8W9 Datasheet HTML 25Page - STMicroelectronics M65KG512AB8W9 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 54 page
background image
Operating modes
M65KG526AB
22/54
4.5
Auto Refresh
This command performs the auto refresh of the memory array. The bank and the row
addresses to be refreshed are internally determined by the internal refresh controller.
Issuing an Auto Refresh command, caused the device to execute an auto refresh (see
Section 3: Commands).
4.6
Power-Down
In Power-Down mode, the current is reduced to the active standby current (IDD3P).
The Power-Down mode is initiated by issuing a Power-Down Entry command. tPDEN (1 clock
cycle) after the cycle when this command was issued, the DDR LPSDRAM enters into
Power-Down mode. In Power-Down mode, power consumption is reduced by deactivating
the input initial circuit. There is no internal refresh when the device is in the Power-Down
mode.
The device can exit from Power-Down tPDEX (1 cycle minimum) after issuing a Power-Down
Exit command.
See Section 3: Commands for details on the Power-Down Entry and Exit commands.
4.7
Deep Power-Down
In Deep Power-Down mode, the power consumption is reduced to the standby current
(IDD7).
Before putting the device in the Deep Power-Down mode all the banks must be Idle or have
been precharged.
The Deep Power-Down mode is entered and exited by issuing a Deep Power-Down Entry
and a Deep Power-Down Exit command.
See Section 3: Commands for details on the Power-Down Entry and Exit commands.
Table 6.
Operating modes (1)
Operating mode
KEn-1
KEn
E
RAS
CAS
W
A10
A10,
A11
A0-A9
BA0-BA1
Burst Read
VIH
VIH
VIL
VIH
VIL
VIH VIL
(2)
X
Start Column
Address
Bank
Select
Burst Write
VIH
VIH
VIL
VIH
VIL
VIL VIL
(2)
X
Start Column
Address
Bank
Select
Self Refresh
VIH
VIL
VIL
VIL
VIL
VIH
XX
Auto Refresh
VIH
VIH
VIL
VIL
VIL
VIH
XX
Power-Down
VIH
VIL
VIL
VIH
VIH
VIH
XX
VIH
XX
X
Deep Power-Down
VIH
VIL
VIL
VIH
VIH
VIL
XX
1.
X = Don’t Care VIL or VIH.
2.
If A10 = VIL the Burst Read or Write operation is not followed by an Auto Precharge cycle. If A10 = VIH, the Burst Read or
Write operation is followed by an Auto Precharge cycle to the bank selected by BA0-BA1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com