Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M65KG512AB8W9 Datasheet(PDF) 29 Page - STMicroelectronics

Part # M65KG512AB8W9
Description  512Mbit (4 banks x 8 Mb x 16) 1.8 V supply, DDR low power SDRAM
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M65KG512AB8W9 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button M65KG512AB8W9 Datasheet HTML 25Page - STMicroelectronics M65KG512AB8W9 Datasheet HTML 26Page - STMicroelectronics M65KG512AB8W9 Datasheet HTML 27Page - STMicroelectronics M65KG512AB8W9 Datasheet HTML 28Page - STMicroelectronics M65KG512AB8W9 Datasheet HTML 29Page - STMicroelectronics M65KG512AB8W9 Datasheet HTML 30Page - STMicroelectronics M65KG512AB8W9 Datasheet HTML 31Page - STMicroelectronics M65KG512AB8W9 Datasheet HTML 32Page - STMicroelectronics M65KG512AB8W9 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 54 page
background image
M65KG526AB
DC and ac parameters
29/54
Table 14.
Self Refresh current (IDD6) in normal operating mode
Temperature
in °C
Memory array(1)
Unit
All banks
2 banks
1 banks
TypMax
TypMax
TypMax
85
≤ T
J ≤ 105
2.2
1.2
0.8
µA
70
≤ T
J ≤ 85
800
650
490
40
≤ T
J ≤ 70
550
380
290
–30
≤ T
J ≤ 40
300
240
210
1. VDD and VDDQ = 1.7 to 1.9 V, VSS = VSSQ = 0V; KE ≤ 0.2 V.
Table 15.
AC characteristics(1) - TJ = −30 to 85 °C
Symbol
Alt
Parameter
M65KG512AB
Unit
Min
Max
tAC
(2)
Data Output access time from K and K
2.0
6.0
ns
tAS
(3)
tIS
Address and Control Input setup time
1.3
ns
tAH
(3)
tIH
Address Control Input hold time
1.3
ns
tCK
Clock Cycle Time
7.5
ns
tDAL
Autoprecharge write recovery and precharge time
tWR+tRP
ns
tDQSCK
(2)
UDQS/LDQS access time from K and K
2.0
6.0
ns
tDIPW
Data Output and LDQM/UDQM inputs pulse width
1.75
ns
tDQSHZ
(4)
UDQS/LDQS High-Z Time from K and K
1.5
6.0
ns
tDQSLZ
(6)
UDQS/LDQS Low-Z time from K and K
1.5
6.0
ns
tDQSQ
(3)
UDQS/LDQS to Data Output skew
0.65
ns
tDS
(3)
Data Input and UDQM/LDQM setup time
0.8
ns
tDH
(3)
Data Input and UDQM/LDQM hold time
0.8
ns
tIPW
Addresses and control pulse width
3
ns
tOHZ
(4)
tHZ
Data Output High-Z time from K and K
1.0
6.0
ns
tOLZ
(5)
tLZ
Data Output Low-Z time from K and K
1.0
6.0
ns
tQH
Data and LDQS/UDQS Output hold time from DQS
tHP-tQHS
ns
tQHS
Data hold skew factor
0.75
ns
tRAS
RAS Active Time (Bank (Row) Activate to Bank Precharge)
45
120000
ns
tRC
RAS Cycle Time (Bank (Row) Activate to Bank Activate in Auto
Refresh mode)
75
ns
tRFC
RAS Cycle Time (Auto Refresh to Bank Active in Auto Refresh
mode)
108
ns
tRCD
Delay Time, from RAS Active to CAS active
30
ns
tRRD
Delay Time, from RAS Active to RAS Bank active
15
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com