Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PPC440EPX-SPAFFFTS Datasheet(PDF) 74 Page - Applied Micro Circuits Corporation

Part # PPC440EPX-SPAFFFTS
Description  PowerPC 440EPx Embedded Processor
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

PPC440EPX-SPAFFFTS Datasheet(HTML) 74 Page - Applied Micro Circuits Corporation

Back Button PPC440EPX-SPAFFFTS Datasheet HTML 70Page - Applied Micro Circuits Corporation PPC440EPX-SPAFFFTS Datasheet HTML 71Page - Applied Micro Circuits Corporation PPC440EPX-SPAFFFTS Datasheet HTML 72Page - Applied Micro Circuits Corporation PPC440EPX-SPAFFFTS Datasheet HTML 73Page - Applied Micro Circuits Corporation PPC440EPX-SPAFFFTS Datasheet HTML 74Page - Applied Micro Circuits Corporation PPC440EPX-SPAFFFTS Datasheet HTML 75Page - Applied Micro Circuits Corporation PPC440EPX-SPAFFFTS Datasheet HTML 76Page - Applied Micro Circuits Corporation PPC440EPX-SPAFFFTS Datasheet HTML 77Page - Applied Micro Circuits Corporation PPC440EPX-SPAFFFTS Datasheet HTML 78Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 94 page
background image
440EPx – PPC440EPx Embedded Processor
Preliminary Data Sheet
74
AMCC Proprietary
Revision 1.26 – October 15, 2007
Figure 5. Timing Waveform
TCL
TCH
TC
1.7V (2.0V)
0.7V (0.8V)
Note:
SysClk and GMCRefClk are 2.5V (3.3V tolerant). Slew rate should be measured between 0.7V and 1.7V.
TC
Period
1.5
3
ns
MemClkOut and PLB Clock
FC
Frequency
133.33
166.66
MHz
TC
Period
6
7.5
ns
TCH
High time
45% of nominal
period
55% of nominal
period
ns
MAL Clock
FC
Frequency
45
83.33
MHz
TC
Period
12
22.2
ns
Table 18. Clocking Specifications (continued)
Symbol
Parameter
Min
Max
Units
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com