Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PPC440EPX-SPAFFFTS Datasheet(PDF) 87 Page - Applied Micro Circuits Corporation

Part # PPC440EPX-SPAFFFTS
Description  PowerPC 440EPx Embedded Processor
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

PPC440EPX-SPAFFFTS Datasheet(HTML) 87 Page - Applied Micro Circuits Corporation

Back Button PPC440EPX-SPAFFFTS Datasheet HTML 83Page - Applied Micro Circuits Corporation PPC440EPX-SPAFFFTS Datasheet HTML 84Page - Applied Micro Circuits Corporation PPC440EPX-SPAFFFTS Datasheet HTML 85Page - Applied Micro Circuits Corporation PPC440EPX-SPAFFFTS Datasheet HTML 86Page - Applied Micro Circuits Corporation PPC440EPX-SPAFFFTS Datasheet HTML 87Page - Applied Micro Circuits Corporation PPC440EPX-SPAFFFTS Datasheet HTML 88Page - Applied Micro Circuits Corporation PPC440EPX-SPAFFFTS Datasheet HTML 89Page - Applied Micro Circuits Corporation PPC440EPX-SPAFFFTS Datasheet HTML 90Page - Applied Micro Circuits Corporation PPC440EPX-SPAFFFTS Datasheet HTML 91Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 94 page
background image
Signal Path
Output Current (mA)
I/O H (maximum)
I/O L (maximum)
Write Data
MemData00:63
10
10
ECC0:7
10
10
DM0:8
10
10
MemClkOut
10
10
MemAddr00:13
10
10
BA0:2
10
10
RAS
10
10
CAS
10
10
WE
10
10
BankSel0:1
10
10
ClkEn
10
10
DQS0:8
10
10
MemODT0:1
10
10
440EPx – PPC440EPx Embedded Processor
Revision 1.26 – October 15, 2007
AMCC Proprietary
87
Preliminary Data Sheet
DDR SDRAM Write Operation
The rising edge of MemClkOut aligns with the first rising edge of the DQS signal on writes. The following data is
generated by means of simulation and includes logic, driver, package RLC, and lengths. Values are calculated
over best case and worst case processes with speed, junction temperature, and voltage as follows:
Case
Process Speed
Junction Temperature (°C)
Voltage (V)
Best
Fast
−40
+1.6
Worst
Slow
+125
+1.425
Note: In the following tables and timing diagrams, minimum values are measured under best case conditions and
maximum values are measured under worst case conditions. The timing numbers in the following sections are
obtained using a simulation that assumes a model as shown in Figure 10.
The following diagram illustrates the relationship among the signals involved with a DDR write operation.
Table 22. DDR SDRAM Output Driver Specifications
Table 23. DDR SDRAM Write Operation Conditions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com