Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MB96F348CSAPQC-GE2 Datasheet(PDF) 117 Page - fujitsu semiconductor

Part # MB96F348CSAPQC-GE2
Description  16-bit Proprietary Microcontroller
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB96F348CSAPQC-GE2 Datasheet(HTML) 117 Page - fujitsu semiconductor

Back Button MB96F348CSAPQC-GE2 Datasheet HTML 113Page - fujitsu semiconductor MB96F348CSAPQC-GE2 Datasheet HTML 114Page - fujitsu semiconductor MB96F348CSAPQC-GE2 Datasheet HTML 115Page - fujitsu semiconductor MB96F348CSAPQC-GE2 Datasheet HTML 116Page - fujitsu semiconductor MB96F348CSAPQC-GE2 Datasheet HTML 117Page - fujitsu semiconductor MB96F348CSAPQC-GE2 Datasheet HTML 118Page - fujitsu semiconductor MB96F348CSAPQC-GE2 Datasheet HTML 119Page - fujitsu semiconductor MB96F348CSAPQC-GE2 Datasheet HTML 120Page - fujitsu semiconductor MB96F348CSAPQC-GE2 Datasheet HTML 121Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 159 page
background image
Preliminary Specification
MB96300
FME/EMDC- 2007-02-12
MB96300_shortspec.fm
117
33
378
CAN0
No
33
CAN Controller 0
34
374
CAN1
No
34
CAN Controller 1
35
370
CAN2
No
35
CAN Controller 2
36
36C
CAN3
No
36
CAN Controller 3
37
368
CAN4
No
37
CAN Controller 4
38
364
PPG0
Yes
38
Programmable Pulse Generator 0
39
360
PPG1
Yes
39
Programmable Pulse Generator 1
40
35C
PPG2
Yes
40
Programmable Pulse Generator 2
41
358
PPG3
Yes
41
Programmable Pulse Generator 3
42
354
PPG4
Yes
42
Programmable Pulse Generator 4
43
350
PPG5
Yes
43
Programmable Pulse Generator 5
44
34C
PPG6
Yes
44
Programmable Pulse Generator 6
45
348
PPG7
Yes
45
Programmable Pulse Generator 7
46
344
PPG8
Yes
46
Programmable Pulse Generator 8
47
340
PPG9
Yes
47
Programmable Pulse Generator 9
48
33C
PPG10
Yes
48
Programmable Pulse Generator 10
49
338
PPG11
Yes
49
Programmable Pulse Generator 11
50
334
PPG12
Yes
50
Programmable Pulse Generator 12
51
330
PPG13
Yes
51
Programmable Pulse Generator 13
52
32C
PPG14
Yes
52
Programmable Pulse Generator 14
53
328
PPG15
Yes
53
Programmable Pulse Generator 15
54
324
PPG16
Yes
54
Programmable Pulse Generator 16
55
320
PPG17
Yes
55
Programmable Pulse Generator 17
56
31C
PPG18
Yes
56
Programmable Pulse Generator 18
57
318
PPG19
Yes
57
Programmable Pulse Generator 19
58
314
RLT0
Yes
58
Reload Timer 0
59
310
RLT1
Yes
59
Reload Timer 1
60
30C
RLT2
Yes
60
Reload Timer 2
61
308
RLT3
Yes
61
Reload Timer 3
62
304
RLT4
Yes
62
Reload Timer 4
63
300
RLT5
Yes
63
Reload Timer 5
64
2FC
PPGRLT
Yes
64
Reload Timer 6 - dedicated for PPG
65
2F8
ICU0
Yes
65
Input Capture Unit 0
66
2F4
ICU1
Yes
66
Input Capture Unit 1
67
2F0
ICU2
Yes
67
Input Capture Unit 2
Vector
number
Offset
in vector
table
Vector name
DMA can
clear
Index in
ICR to
program
IL
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com