Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MB96F348CSAPQC-GE2 Datasheet(PDF) 118 Page - fujitsu semiconductor

Part # MB96F348CSAPQC-GE2
Description  16-bit Proprietary Microcontroller
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB96F348CSAPQC-GE2 Datasheet(HTML) 118 Page - fujitsu semiconductor

Back Button MB96F348CSAPQC-GE2 Datasheet HTML 114Page - fujitsu semiconductor MB96F348CSAPQC-GE2 Datasheet HTML 115Page - fujitsu semiconductor MB96F348CSAPQC-GE2 Datasheet HTML 116Page - fujitsu semiconductor MB96F348CSAPQC-GE2 Datasheet HTML 117Page - fujitsu semiconductor MB96F348CSAPQC-GE2 Datasheet HTML 118Page - fujitsu semiconductor MB96F348CSAPQC-GE2 Datasheet HTML 119Page - fujitsu semiconductor MB96F348CSAPQC-GE2 Datasheet HTML 120Page - fujitsu semiconductor MB96F348CSAPQC-GE2 Datasheet HTML 121Page - fujitsu semiconductor MB96F348CSAPQC-GE2 Datasheet HTML 122Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 118 / 159 page
background image
MB96300 Series
Preliminary Specification
118
FME/EMDC- 2007-02-12
MB96300_shortspec.fm
68
2EC
ICU3
Yes
68
Input Capture Unit 3
69
2E8
ICU4
Yes
69
Input Capture Unit 4
70
2E4
ICU5
Yes
70
Input Capture Unit 5
71
2E0
ICU6
Yes
71
Input Capture Unit 6
72
2DC
ICU7
Yes
72
Input Capture Unit 7
73
2D8
ICU8
Yes
73
Input Capture Unit 8
74
2D4
ICU9
Yes
74
Input Capture Unit 9
75
2D0
ICU10
Yes
75
Input Capture Unit 10
76
2CC
ICU11
Yes
76
Input Capture Unit 11
77
2C8
OCU0
Yes
77
Output Compare Unit 0
78
2C4
OCU1
Yes
78
Output Compare Unit 1
79
2C0
OCU2
Yes
79
Output Compare Unit 2
80
2BC
OCU3
Yes
80
Output Compare Unit 3
81
2B8
OCU4
Yes
81
Output Compare Unit 4
82
2B4
OCU5
Yes
82
Output Compare Unit 5
83
2B0
OCU6
Yes
83
Output Compare Unit 6
84
2AC
OCU7
Yes
84
Output Compare Unit 7
85
2A8
OCU8
Yes
85
Output Compare Unit 8
86
2A4
OCU9
Yes
86
Output Compare Unit 9
87
2A0
OCU10
Yes
87
Output Compare Unit 10
88
29C
OCU11
Yes
88
Output Compare Unit 11
89
298
FRT0
Yes
89
Free Running Timer 0
90
294
FRT1
Yes
90
Free Running Timer 1
91
290
FRT2
Yes
91
Free Running Timer 2
92
28C
FRT3
Yes
92
Free Running Timer 3
93
288
RTC0
No
93
Real Timer Clock
94
284
CAL0
No
94
Clock Calibration Unit
95
280
SG0
No
95
Sound Generator
96
27C
IIC0
Yes
96
I2C interface
97
278
IIC1
Yes
97
I2C interface
98
274
ADC0
Yes
98
A/D Converter
99
270
ALARM0
No
99
Alarm Comparator 0
100
26C
ALARM1
No
100
Alarm Comparator 1
101
268
LINR0
Yes
101
LIN USART 0 RX
102
264
LINT0
Yes
102
LIN USART 0 TX
Vector
number
Offset
in vector
table
Vector name
DMA can
clear
Index in
ICR to
program
IL
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com