Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MB96F348CSAPQC-GE2 Datasheet(PDF) 123 Page - fujitsu semiconductor

Part # MB96F348CSAPQC-GE2
Description  16-bit Proprietary Microcontroller
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB96F348CSAPQC-GE2 Datasheet(HTML) 123 Page - fujitsu semiconductor

Back Button MB96F348CSAPQC-GE2 Datasheet HTML 119Page - fujitsu semiconductor MB96F348CSAPQC-GE2 Datasheet HTML 120Page - fujitsu semiconductor MB96F348CSAPQC-GE2 Datasheet HTML 121Page - fujitsu semiconductor MB96F348CSAPQC-GE2 Datasheet HTML 122Page - fujitsu semiconductor MB96F348CSAPQC-GE2 Datasheet HTML 123Page - fujitsu semiconductor MB96F348CSAPQC-GE2 Datasheet HTML 124Page - fujitsu semiconductor MB96F348CSAPQC-GE2 Datasheet HTML 125Page - fujitsu semiconductor MB96F348CSAPQC-GE2 Datasheet HTML 126Page - fujitsu semiconductor MB96F348CSAPQC-GE2 Datasheet HTML 127Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 123 / 159 page
background image
Preliminary Specification
MB96300
FME/EMDC- 2007-02-12
MB96300_shortspec.fm
123
s INTERRUPT VECTOR TABLE MB96(F)34x
Vector
number
Offset in
vector ta-
ble
Vector name
Cleared
by DMA
Index in
ICR to pro-
gram
Description
0
3FC
CALLV0
No
-
1
3F8
CALLV1
No
-
2
3F4
CALLV2
No
-
3
3F0
CALLV3
No
-
4
3EC
CALLV4
No
-
5
3E8
CALLV5
No
-
6
3E4
CALLV6
No
-
7
3E0
CALLV7
No
-
8
3DC
RESET
No
-
9
3D8
INT9
No
-
10
3D4
EXCEPTION
No
-
11
3D0
NMI
No
-
Non-Maskable Interrupt
12
3CC
DLY
No
12
Delayed Interrupt
13
3C8
RC_TIMER
No
13
RC Timer
14
3C4
MC_TIMER
No
14
Main Clock Timer
15
3C0
SC_TIMER
No
15
Sub Clock Timer
16
3BC
RESERVED
No
16
Reserved
17
3B8
EXTINT0
Yes
17
External Interrupt 0
18
3B4
EXTINT1
Yes
18
External Interrupt 1
19
3B0
EXTINT2
Yes
19
External Interrupt 2
20
3AC
EXTINT3
Yes
20
External Interrupt 3
21
3A8
EXTINT4
Yes
21
External Interrupt 4
22
3A4
EXTINT5
Yes
22
External Interrupt 5
23
3A0
EXTINT6
Yes
23
External Interrupt 6
24
39C
EXTINT7
Yes
24
External Interrupt 7
25
398
EXTINT8
Yes
25
External Interrupt 8
26
394
EXTINT9
Yes
26
External Interrupt 9
27
390
EXTINT10
Yes
27
External Interrupt 10
28
38C
EXTINT11
Yes
28
External Interrupt 11
29
388
EXTINT12
Yes
29
External Interrupt 12
30
384
EXTINT13
Yes
30
External Interrupt 13
31
380
EXTINT14
Yes
31
External Interrupt 14
32
37C
EXTINT15
Yes
32
External Interrupt 15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com