Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MB96F348CSAPQC-GE2 Datasheet(PDF) 124 Page - fujitsu semiconductor

Part # MB96F348CSAPQC-GE2
Description  16-bit Proprietary Microcontroller
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB96F348CSAPQC-GE2 Datasheet(HTML) 124 Page - fujitsu semiconductor

Back Button MB96F348CSAPQC-GE2 Datasheet HTML 120Page - fujitsu semiconductor MB96F348CSAPQC-GE2 Datasheet HTML 121Page - fujitsu semiconductor MB96F348CSAPQC-GE2 Datasheet HTML 122Page - fujitsu semiconductor MB96F348CSAPQC-GE2 Datasheet HTML 123Page - fujitsu semiconductor MB96F348CSAPQC-GE2 Datasheet HTML 124Page - fujitsu semiconductor MB96F348CSAPQC-GE2 Datasheet HTML 125Page - fujitsu semiconductor MB96F348CSAPQC-GE2 Datasheet HTML 126Page - fujitsu semiconductor MB96F348CSAPQC-GE2 Datasheet HTML 127Page - fujitsu semiconductor MB96F348CSAPQC-GE2 Datasheet HTML 128Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 159 page
background image
MB96300 Series
Preliminary Specification
124
FME/EMDC- 2007-02-12
MB96300_shortspec.fm
33
378
CAN0
No
33
CAN Controller 0
34
374
CAN1
No
34
CAN Controller 1
35
370
PPG0
Yes
35
Programmable Pulse Generator 0
36
36C
PPG1
Yes
36
Programmable Pulse Generator 1
37
368
PPG2
Yes
37
Programmable Pulse Generator 2
38
364
PPG3
Yes
38
Programmable Pulse Generator 3
39
360
PPG4
Yes
39
Programmable Pulse Generator 4
40
35C
PPG5
Yes
40
Programmable Pulse Generator 5
41
358
PPG6
Yes
41
Programmable Pulse Generator 6
42
354
PPG7
Yes
42
Programmable Pulse Generator 7
43
350
PPG8
Yes
43
Programmable Pulse Generator 8
44
34C
PPG9
Yes
44
Programmable Pulse Generator 9
45
348
PPG10
Yes
45
Programmable Pulse Generator 10
46
344
PPG11
Yes
46
Programmable Pulse Generator 11
47
340
PPG12
Yes
47
Programmable Pulse Generator 12
48
33C
PPG13
Yes
48
Programmable Pulse Generator 13
49
338
PPG14
Yes
49
Programmable Pulse Generator 14
50
334
PPG15
Yes
50
Programmable Pulse Generator 15
51
330
RLT0
Yes
51
Reload Timer 0
52
32C
RLT1
Yes
52
Reload Timer 1
53
328
RLT2
Yes
53
Reload Timer 2
54
324
RLT3
Yes
54
Reload Timer 3
55
320
PPGRLT
Yes
55
Reload Timer 6 - dedicated for PPG
56
31C
ICU0
Yes
56
Input Capture Unit 0
57
318
ICU1
Yes
57
Input Capture Unit 1
58
314
ICU2
Yes
58
Input Capture Unit 2
59
310
ICU3
Yes
59
Input Capture Unit 3
60
30C
ICU4
Yes
60
Input Capture Unit 4
61
308
ICU5
Yes
61
Input Capture Unit 5
62
304
ICU6
Yes
62
Input Capture Unit 6
63
300
ICU7
Yes
63
Input Capture Unit 7
64
2FC
OCU0
Yes
64
Output Compare Unit 0
65
2F8
OCU1
Yes
65
Output Compare Unit 1
66
2F4
OCU2
Yes
66
Output Compare Unit 2
67
2F0
OCU3
Yes
67
Output Compare Unit 3
68
2EC
OCU4
Yes
68
Output Compare Unit 4
Vector
number
Offset in
vector ta-
ble
Vector name
Cleared
by DMA
Index in
ICR to pro-
gram
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com