Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MB96F348CSAPQC-GE2 Datasheet(PDF) 131 Page - fujitsu semiconductor

Part # MB96F348CSAPQC-GE2
Description  16-bit Proprietary Microcontroller
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB96F348CSAPQC-GE2 Datasheet(HTML) 131 Page - fujitsu semiconductor

Back Button MB96F348CSAPQC-GE2 Datasheet HTML 127Page - fujitsu semiconductor MB96F348CSAPQC-GE2 Datasheet HTML 128Page - fujitsu semiconductor MB96F348CSAPQC-GE2 Datasheet HTML 129Page - fujitsu semiconductor MB96F348CSAPQC-GE2 Datasheet HTML 130Page - fujitsu semiconductor MB96F348CSAPQC-GE2 Datasheet HTML 131Page - fujitsu semiconductor MB96F348CSAPQC-GE2 Datasheet HTML 132Page - fujitsu semiconductor MB96F348CSAPQC-GE2 Datasheet HTML 133Page - fujitsu semiconductor MB96F348CSAPQC-GE2 Datasheet HTML 134Page - fujitsu semiconductor MB96F348CSAPQC-GE2 Datasheet HTML 135Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 131 / 159 page
background image
Preliminary Specification
MB96300
FME/EMDC- 2007-02-12
MB96300_shortspec.fm
131
33
378
PPG14
Yes
33
Programmable Pulse Generator 14
34
374
PPG15
Yes
34
Programmable Pulse Generator 15
35
370
RLT2
Yes
35
Reload Timer 2
36
36C
RLT3
Yes
36
Reload Timer 3
37
368
PPGRLT
Yes
37
Reload Timer 6 - dedicated for PPG
38
364
ICU0
Yes
38
Input Capture Unit 0
39
360
ICU1
Yes
39
Input Capture Unit 1
40
35C
ICU2
Yes
40
Input Capture Unit 2
41
358
ICU3
Yes
41
Input Capture Unit 3
42
354
FRT0
Yes
42
Free Running Timer 0
43
350
ADC0
Yes
43
A/D Converter
44
34C
LINR0
No
44
LIN USART 0 RX
45
348
LINT0
No
45
LIN USART 0 TX
46
344
LINR1
No
46
LIN USART 1 RX
47
340
LINT1
No
47
LIN USART 1 TX
48
33C
MAIN_FLASH
No
48
Main Flash memory
Vector
number
Offset
in vector
table
Vector name
Cleared by
DMA
Index in
ICR to
program
IL
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com