Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MB96F348CSAPQC-GE2 Datasheet(PDF) 135 Page - fujitsu semiconductor

Part # MB96F348CSAPQC-GE2
Description  16-bit Proprietary Microcontroller
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB96F348CSAPQC-GE2 Datasheet(HTML) 135 Page - fujitsu semiconductor

Back Button MB96F348CSAPQC-GE2 Datasheet HTML 131Page - fujitsu semiconductor MB96F348CSAPQC-GE2 Datasheet HTML 132Page - fujitsu semiconductor MB96F348CSAPQC-GE2 Datasheet HTML 133Page - fujitsu semiconductor MB96F348CSAPQC-GE2 Datasheet HTML 134Page - fujitsu semiconductor MB96F348CSAPQC-GE2 Datasheet HTML 135Page - fujitsu semiconductor MB96F348CSAPQC-GE2 Datasheet HTML 136Page - fujitsu semiconductor MB96F348CSAPQC-GE2 Datasheet HTML 137Page - fujitsu semiconductor MB96F348CSAPQC-GE2 Datasheet HTML 138Page - fujitsu semiconductor MB96F348CSAPQC-GE2 Datasheet HTML 139Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 135 / 159 page
background image
Preliminary Specification
MB96300
FME/EMDC- 2007-02-12
MB96300_shortspec.fm
135
s ELECTRICAL CHARACTERISTICS
1. Absolute Maximum Ratings
Parameter
Symbol
Rating
Unit
Remarks
Min
Max
Power supply voltage
VCC
VSS - 0.3
VSS + 6.0
V
AVCC
VSS - 0.3
VSS + 6.0
V
VCC = AVCC *1
AVRH, AVRL VSS - 0.3
VSS + 6.0
V
AVCC
≥ AVRH, AVCC ≥ AVRL,
AVRH
> ΑVRL, AVRL ≥ ΑVSS
DVCC
VSS - 0.3
VSS + 6.0
V
*2
Input voltage
VI
VSS - 0.3
VSS + 6.0
V
≤ (D)VCC + 0.3V *3
Output voltage
VO
VSS - 0.3
VSS + 6.0
V
≤ (D)VCC + 0.3V *3
Maximum Clamp Current
ICLAMP
-4.0
+4.0
mA
Applicable to general purpose
I/O pins *4
Total Maximum Clamp Current
Σ|ICLAMP|
-
40
mA
Applicable to general purpose
I/O pins *4
“L” level maximum output current
IOL1
-
15
mA
Normal outputs
“L” level average output current
IOLAV1
-
5
mA
Normal outputs
“L” level maximum output current
IOL2
-
40
mA
High current outputs
“L” level average output current
IOLAV2
-
30
mA
High current outputs
“L” level maximum overall output current
ΣIOL1
-
100
mA
Normal outputs
“L” level maximum overall output current
ΣIOL2
-
330
mA
High current outputs
“L” level average overall output current
ΣIOLAV1
-
50
mA
Normal outputs
“L” level average overall output current
ΣIOLAV2
-
250
mA
High current outputs
“H” level maximum output current
IOH1
-
-15
mA
Normal outputs
“H” level average output current
IOHAV1
-
-5
mA
Normal outputs
“H” level maximum output current
IOH2
-
-40
mA
High current outputs
“H” level average output current
IOHAV2
-
-30
mA
High current outputs
“H” level maximum overall output current
ΣIOH1
-
-100
mA
Normal outputs
“H” level maximum overall output current
ΣIOH2
-
-330
mA
High current outputs
“H” level average overall output current
ΣIOHAV1
-
-50
mA
Normal outputs
“H” level average overall output current
ΣIOHAV2
-
-250
mA
High current outputs
Power consumption
PD
-
600
mW
MB96F348H/T
Operating temperature
TA
0
+70
C
MB96V300
-40
+105
C
MB96F348H/T
-40
+125
C
other devices
Operating temperature at Flash erase/
write
TAF
-40
+105
C
Storage temperature
TSTG
-55
+150
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com