Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MB96F348CSAPQC-GE2 Datasheet(PDF) 138 Page - fujitsu semiconductor

Part # MB96F348CSAPQC-GE2
Description  16-bit Proprietary Microcontroller
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB96F348CSAPQC-GE2 Datasheet(HTML) 138 Page - fujitsu semiconductor

Back Button MB96F348CSAPQC-GE2 Datasheet HTML 134Page - fujitsu semiconductor MB96F348CSAPQC-GE2 Datasheet HTML 135Page - fujitsu semiconductor MB96F348CSAPQC-GE2 Datasheet HTML 136Page - fujitsu semiconductor MB96F348CSAPQC-GE2 Datasheet HTML 137Page - fujitsu semiconductor MB96F348CSAPQC-GE2 Datasheet HTML 138Page - fujitsu semiconductor MB96F348CSAPQC-GE2 Datasheet HTML 139Page - fujitsu semiconductor MB96F348CSAPQC-GE2 Datasheet HTML 140Page - fujitsu semiconductor MB96F348CSAPQC-GE2 Datasheet HTML 141Page - fujitsu semiconductor MB96F348CSAPQC-GE2 Datasheet HTML 142Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 138 / 159 page
background image
MB96300 Series
Preliminary Specification
138
FME/EMDC- 2007-02-12
MB96300_shortspec.fm
3. DC characteristics
(TA = -40˚C to 125˚C, VCC = AVCC= 3.0V to 5.5V, DVCC = 3.0V to 5.5V, VSS = AVSS = DVSS = 0V)
Parameter
Symbol
Pin
Condition
Value
Unit
Remarks
Min
Typ
Max
Input “H” voltage
VIHS08
--
0.8
VCC
-
(D)VCC
+ 0.3
V
Port inputs if CMOS
Hysteresis 0.8/0.2 in-
put is selected
VIHS07
0.7
VCC
-
(D)VCC
+ 0.3
V
Port inputs if CMOS
Hysteresis 0.7/0.3 in-
put is selected
VIHSA
--
0.8
VCC
-
(D)VCC
+ 0.3
V
Port inputs if AUTO-
MOTIVE Hysteresis
input is selected
VIHTTL
-
-
2.0
-
(D)VCC
+ 0.3
V
Port inputs if TTL in-
put is selected
VIHR
--
0.8
VCC
-
VCC +
0.3
V
RSTX input pin
(CMOS Hysteresis)
VIHM
--
VCC -
0.3
-
VCC +
0.3
V
MD input pin
Input “L” voltage
VILS08
--
VSS -
0.3
-
0.2
(D)VCC
V
Port inputs if CMOS
Hysteresis 0.8/0.2 in-
put is selected
VILS07
VSS -
0.3
-
0.3
(D)VCC
V
Port inputs if CMOS
Hysteresis 0.7/0.3 in-
put is selected
VILSA
--
VSS -
0.3
-
0.5
(D)VCC
V
Port inputs if AUTO-
MOTIVE Hysteresis
input is selected
VILTTL
--
VSS -
0.3
-
0.8
V
Port inputs if TTL in-
put is selected
VILR
--
VSS -
0.3
-
0.2 VCC
V
RSTX input pin
(CMOS Hysteresis)
VILM
--
VSS -
0.3
-
VSS +
0.3
V
MD input pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com