Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MB96F348CSAPQC-GE2 Datasheet(PDF) 140 Page - fujitsu semiconductor

Part # MB96F348CSAPQC-GE2
Description  16-bit Proprietary Microcontroller
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB96F348CSAPQC-GE2 Datasheet(HTML) 140 Page - fujitsu semiconductor

Back Button MB96F348CSAPQC-GE2 Datasheet HTML 136Page - fujitsu semiconductor MB96F348CSAPQC-GE2 Datasheet HTML 137Page - fujitsu semiconductor MB96F348CSAPQC-GE2 Datasheet HTML 138Page - fujitsu semiconductor MB96F348CSAPQC-GE2 Datasheet HTML 139Page - fujitsu semiconductor MB96F348CSAPQC-GE2 Datasheet HTML 140Page - fujitsu semiconductor MB96F348CSAPQC-GE2 Datasheet HTML 141Page - fujitsu semiconductor MB96F348CSAPQC-GE2 Datasheet HTML 142Page - fujitsu semiconductor MB96F348CSAPQC-GE2 Datasheet HTML 143Page - fujitsu semiconductor MB96F348CSAPQC-GE2 Datasheet HTML 144Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 140 / 159 page
background image
MB96300 Series
Preliminary Specification
140
FME/EMDC- 2007-02-12
MB96300_shortspec.fm
Power supply cur-
rent in Run
modes*
ICCPLL
VCC
PLL Run mode
with CLKB =
CLKP1 = 56MHz,
CLKP2 = 28MHz
-45
60
mA
CLKMC, CLKRC and
CLKSC active
PLL Run mode
with CLKB =
CLKP1 = CLKP2
= 24MHz
-20
26
mA
CLKMC, CLKRC and
CLKSC active
Writing/erasing
FLASH memory
in PLL Run mode
with CLKB =
CLKP1 = 56MHz,
CLKP2 = 28MHz
-
60
100
mA
CLKMC, CLKRC and
CLKSC active, pro-
gramming of one
Flash macro at a time
only
ICCMAIN
Main Run mode
with CLKB =
CLKP1 = CLKP2
= 4MHz
-5
8
mA
CLKPLL and CLKRC
stopped
Writing/erasing
FLASH memory
in Main Run mode
with CLKB =
CLKP1 = CLKP2
= 4MHz
-20
48
mA
CLKPLL and CLKRC
stopped, program-
ming of one Flash
macro at a time only
ICCRCH
RC Run mode
with CLKB =
CLKP1 = CLKP2
= 2MHz
-3
6
mA
CLKMC, CLKPLL
and CLKSC stopped
Writing/erasing
FLASH memory
in RC Run mode
with CLKB =
CLKP1 = CLKP2
= 2MHz
-18
46
mA
CLKMC, CLKPLL
and CLKSC stopped,
programming of one
Flash macro at a time
only
ICCRCL
RC Run mode
with CLKB =
CLKP1 = CLKP2
= 100kHz
-
0.5
3.5
mA
CLKMC, CLKPLL
and CLKSC stopped
Writing/erasing
FLASH memory
in RC Run mode
with CLKB =
CLKP1 = CLKP2
= 100kHz
-
15.5
43.5
mA
CLKMC, CLKPLL
and CLKSC stopped,
programming of one
Flash macro at a time
only
ICCSUB
Sub Run mode
with CLKB =
CLKP1 = CLKP2
= 32kHz
-
0.15
2.5
mA
CLKMC, CLKPLL
and CLKRC stopped,
no Flash program-
ming/erasing al-
lowed.
(TA = -40˚C to 125˚C, VCC = AVCC= 3.0V to 5.5V, DVCC = 3.0V to 5.5V, VSS = AVSS = DVSS = 0V)
Parameter
Symbol
Pin
Condition
Value
Unit
Remarks
Min
Typ
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com