Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MB96F348CSAPQC-GE2 Datasheet(PDF) 137 Page - fujitsu semiconductor

Part # MB96F348CSAPQC-GE2
Description  16-bit Proprietary Microcontroller
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB96F348CSAPQC-GE2 Datasheet(HTML) 137 Page - fujitsu semiconductor

Back Button MB96F348CSAPQC-GE2 Datasheet HTML 133Page - fujitsu semiconductor MB96F348CSAPQC-GE2 Datasheet HTML 134Page - fujitsu semiconductor MB96F348CSAPQC-GE2 Datasheet HTML 135Page - fujitsu semiconductor MB96F348CSAPQC-GE2 Datasheet HTML 136Page - fujitsu semiconductor MB96F348CSAPQC-GE2 Datasheet HTML 137Page - fujitsu semiconductor MB96F348CSAPQC-GE2 Datasheet HTML 138Page - fujitsu semiconductor MB96F348CSAPQC-GE2 Datasheet HTML 139Page - fujitsu semiconductor MB96F348CSAPQC-GE2 Datasheet HTML 140Page - fujitsu semiconductor MB96F348CSAPQC-GE2 Datasheet HTML 141Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 137 / 159 page
background image
Preliminary Specification
MB96300
FME/EMDC- 2007-02-12
MB96300_shortspec.fm
137
2. Recommended Conditions
WARNING: The recommended operating conditions are required in order to ensure the normal operation of the
semiconductor device. All of the devices electrical characteristics are warranted when the device is operated
within these ranges.
Always use semiconductor devices within their recommended operating condition ranges. Operation outside
these ranges may adversely affect reliability and could result in device failure.
No warranty is made with respect to uses, operating conditions, or combinations not represented on the data
sheet. Users considering application outside the listed conditions are advised to contact their FUJITSU repre-
sentatives beforehand.
Parameter
Symbol
Value
Unit
Remarks
Min
Typ
Max
Power supply voltage
VCC
3.0
-
5.5
V
Smoothing capacitor at
C pin
CS
4.7
-
10
µF Use a X7R Ceramic Capacitor
Operating temperature
TA
0
-
+70
C
MB96V300
-40
-
+105
C
MB96F348H/T
-40
-
+125
C
MB96F3xx, MB963xx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com