Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MB96F348CSAPQC-GE2 Datasheet(PDF) 149 Page - fujitsu semiconductor

Part # MB96F348CSAPQC-GE2
Description  16-bit Proprietary Microcontroller
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB96F348CSAPQC-GE2 Datasheet(HTML) 149 Page - fujitsu semiconductor

Back Button MB96F348CSAPQC-GE2 Datasheet HTML 145Page - fujitsu semiconductor MB96F348CSAPQC-GE2 Datasheet HTML 146Page - fujitsu semiconductor MB96F348CSAPQC-GE2 Datasheet HTML 147Page - fujitsu semiconductor MB96F348CSAPQC-GE2 Datasheet HTML 148Page - fujitsu semiconductor MB96F348CSAPQC-GE2 Datasheet HTML 149Page - fujitsu semiconductor MB96F348CSAPQC-GE2 Datasheet HTML 150Page - fujitsu semiconductor MB96F348CSAPQC-GE2 Datasheet HTML 151Page - fujitsu semiconductor MB96F348CSAPQC-GE2 Datasheet HTML 152Page - fujitsu semiconductor MB96F348CSAPQC-GE2 Datasheet HTML 153Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 149 / 159 page
background image
Preliminary Specification
MB96300
FME/EMDC- 2007-02-12
MB96300_shortspec.fm
149
MB96F348TSA PQC-G(S)E2
Yes
No
Yes
100 pin Plastic QFP
(FPT-100P-M22)
MB96F348HSA PQC-G(S)E2
No
MB96F348TWA PQC-G(S)E2
Yes
Yes
MB96F348HWA PQC-G(S)E2
No
MB96F348TSA PMC-G(S)E2
No
Yes
100 pin Plastic LQFP
(FPT-100P-M20)
MB96F348HSA PMC-G(S)E2
No
MB96F348TWA PMC-G(S)E2
Yes
Yes
MB96F348HWA PMC-G(S)E2
No
MB96F356YSA PMC-G(S)E2
No
No
Yes
64 pin Plastic LQFP
(FPT-64P-M23)
MB96F356RSA PMC-G(S)E2
No
MB96F356YWA PMC-G(S)E2
Yes
Yes
MB96F356RWA PMC-G(S)E2
No
MB96F356YSA PMC1-G(S)E2
No
Yes
64 pin Plastic LQFP
(FPT-64P-M24)
MB96F356RSA PMC1-G(S)E2
No
MB96F356YWA PMC1-G(S)E2
Yes
Yes
MB96F356RWA PMC1-G(S)E2
No
MB96F386YSA PMC-G(S)E2
No
No
Yes
120 pin Plastic LQFP
(FPT-120P-M21)
MB96F386RSA PMC-G(S)E2
No
MB96F386YWA PMC-G(S)E2
Yes
Yes
MB96F386RWA PMC-G(S)E2
No
MB96F387YSA PMC-G(S)E2
No
Yes
MB96F387RSA PMC-G(S)E2
No
MB96F387YWA PMC-G(S)E2
Yes
Yes
MB96F387RWA PMC-G(S)E2
No
MB96V300RB-ES
Emulated
by ext.
RAM
Yes
No
416 pin Plastic BGA
(BGA416-M02)
For evalua-
tion
Part number
Satellite
flash
memory
Subclock
Persistant
Low Volt-
age Reset
Package
Remarks



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com