Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MB96F348CSAPQC-GE2 Datasheet(PDF) 151 Page - fujitsu semiconductor

Part # MB96F348CSAPQC-GE2
Description  16-bit Proprietary Microcontroller
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB96F348CSAPQC-GE2 Datasheet(HTML) 151 Page - fujitsu semiconductor

Back Button MB96F348CSAPQC-GE2 Datasheet HTML 147Page - fujitsu semiconductor MB96F348CSAPQC-GE2 Datasheet HTML 148Page - fujitsu semiconductor MB96F348CSAPQC-GE2 Datasheet HTML 149Page - fujitsu semiconductor MB96F348CSAPQC-GE2 Datasheet HTML 150Page - fujitsu semiconductor MB96F348CSAPQC-GE2 Datasheet HTML 151Page - fujitsu semiconductor MB96F348CSAPQC-GE2 Datasheet HTML 152Page - fujitsu semiconductor MB96F348CSAPQC-GE2 Datasheet HTML 153Page - fujitsu semiconductor MB96F348CSAPQC-GE2 Datasheet HTML 154Page - fujitsu semiconductor MB96F348CSAPQC-GE2 Datasheet HTML 155Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 151 / 159 page
background image
Preliminary Specification
MB96300
FME/EMDC- 2007-02-12
MB96300_shortspec.fm
151
s Package dimensions of MB96(F)32x LQFP 80P
80-pin plastic LQFP
Lead pitch
0.50 mm
Package width
×
package length
12 mm
× 12 mm
Lead shape
Gullwing
Sealing method
Plastic mold
Mounting height
1.70 mm Max
Weight
0.47 g
Code
(Reference)
P-LFQFP80-12
×12-0.50
80-pin plastic LQFP
(FPT-80P-M21)
(FPT-80P-M21)
Dimensions in mm (inches).
Note: The values in parentheses are reference values.
C
2006 FUJITSU LIMITED F80035Sc22
120
40
21
60
41
80
61
INDEX
12.00±0.10(.472±.004)SQ
14.00±0.20(.551±.008)SQ
0.50(.020)
0.20±0.05
(.008±.002)
M
0.08(.003)
0.145±0.055
(.006±.002)
0.08(.003)
"A"
0˚~8˚
.059 –.004
+.008
–0.10
+0.20
1.50
0.50±0.20
(.020±.008)
0.60±0.15
(.024±.006)
0.10±0.05
(.004±.002)
(Stand off)
0.25(.010)
Details of "A" part
LEAD No.
(Mounting height)
*



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com