Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADS1675 Datasheet(PDF) 21 Page - Texas Instruments

Part # ADS1675
Description  4MSPS, 24-Bit Analog-to-Digital Converter
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS1675 Datasheet(HTML) 21 Page - Texas Instruments

Back Button ADS1675 Datasheet HTML 17Page - Texas Instruments ADS1675 Datasheet HTML 18Page - Texas Instruments ADS1675 Datasheet HTML 19Page - Texas Instruments ADS1675 Datasheet HTML 20Page - Texas Instruments ADS1675 Datasheet HTML 21Page - Texas Instruments ADS1675 Datasheet HTML 22Page - Texas Instruments ADS1675 Datasheet HTML 23Page - Texas Instruments ADS1675 Datasheet HTML 24Page - Texas Instruments ADS1675 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 40 page
background image
20
0
20
40
60
80
100
-
-
-
-
-
-
-
120
140
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
NormalizedFrequency(f /f
)
IN DATA
0.000010
05
0
05
10
15
20
25
30
35
40
0.0000
0.0000
0.0000
0.0000
0.0000
0.0000
0.0000
0.0000
0.0000
-
-
-
-
-
-
-
-
0
0.05 0.10
0.15
0.20
0.45
NormalizedFrequency(f /f
)
IN DATA
0.25
0.30
0.35
0.40
2
0
2
4
6
8
10
-
-
-
-
-
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
NormalizedFrequency(f /f
)
IN DATA
ADS1675
www.ti.com
SBAS416D – DECEMBER 2008 – REVISED AUGUST 2010
Phase Response
The
Low-Latency
filter
uses
a
multiple-stage,
linear-phase digital filter. Linear phase filters exhibit
constant delay time versus input frequency (also
know as constant group delay). This feature of linear
phase filters means that the time delay from any
instant of the input signal to the corresponding same
instant of the output data is constant and independent
of the input signal frequency. This behavior results in
essentially
zero
phase
error
when
measuring
multi-tone signals.
WIDE-BANDWIDTH FILTER
The Wide-Bandwidth (WB) filter is well-suited for
measuring high-frequency ac signals. This digital filter
Figure 43. Frequency Response of
offers
excellent
passband
and
stop
band
Wide-Bandwidth Filter
characteristics.
blank
The DRATE[2:0] digital input pins select from the four
data rates available with the WB filter, as shown in
Table 6. Note that the START pin must be strobed
after a change to the data rate. If a conversion is in
process during a data rate change, the output data
for that conversion are not valid and should be
discarded.
While using the Wide-Bandwidth filter path, the
LL_CONFIG pin must be set to logic high. Setting
LL_CONFIG low forces the ADS1675 to switch to a
low-latency filter path, overriding the FPATH pin.
Table 6. Wide-Bandwidth Data Rates
DATA
–3dB
DRATE
RATE
SETTLING TIME,
BANDWIDTH
[2:0]
(kSPS)
tSETTLE-LL
(kHz)
Figure 44. Passband Response for
000
125
439.44ms
14062tCLK
59.375
Wide-Bandwidth Filter
001
250
219.81ms
7074tCLK
118.75
010
500
110.00ms
3520tCLK
237.5
011
1000
55.04ms
1763tCLK
475
100
2000
27.52ms
2642tLSCLK
950
101
4000
13.79ms
1324tLSCLK
1900
1. The input signal aliases when its frequency
exceeds fDATA/2, in accordance with the Nyquist
theorem.
Frequency Response
Figure 43 shows the frequency response for the
Wide-Bandwidth filter path normalized to the output
data rate, fDATA. Figure 44 shows the passband ripple,
and the transition from passband to stop band is
illustrated in Figure 45. These three plots are valid for
all of the data rates available on the ADS1675.
Figure 45. Transition Band Response for
Simply substitute the selected data rate to express
Wide-Bandwidth Filter
the x-axis in absolute frequency.
Copyright © 2008–2010, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Link(s): ADS1675



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com