Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADS1675 Datasheet(PDF) 26 Page - Texas Instruments

Part # ADS1675
Description  4MSPS, 24-Bit Analog-to-Digital Converter
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS1675 Datasheet(HTML) 26 Page - Texas Instruments

Back Button ADS1675 Datasheet HTML 22Page - Texas Instruments ADS1675 Datasheet HTML 23Page - Texas Instruments ADS1675 Datasheet HTML 24Page - Texas Instruments ADS1675 Datasheet HTML 25Page - Texas Instruments ADS1675 Datasheet HTML 26Page - Texas Instruments ADS1675 Datasheet HTML 27Page - Texas Instruments ADS1675 Datasheet HTML 28Page - Texas Instruments ADS1675 Datasheet HTML 29Page - Texas Instruments ADS1675 Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 40 page
background image
R
BIAS
RBIAS
AGND
ADS1675
ADS1675
SBAS416D – DECEMBER 2008 – REVISED AUGUST 2010
www.ti.com
ANALOG POWER DISSIPATION
including the voltage reference. To minimize the
digital current during power down, stop the clock
An external resistor connected between the RBIAS
signal supplied to the CLK input. Make sure to allow
pin and the analog ground sets the analog current
time for the reference to start up after exiting
level, as shown in Figure 51. The current is inversely
power-down mode.
proportional to the resistor value. Figure 24 to
Figure 26 (in the Typical Characteristics) show power
After the reference has stabilized, allow for the
and typical performance at values of RBIAS for
modulator and digital filter to settle before retrieving
different CLK frequencies. Notice that the analog
data.
current can be reduced when using a slower
frequency CLK input because the modulator has
POWER SUPPLIES
more time to settle. Avoid adding any capacitance in
Two supplies are used on the ADS1675: analog
parallel to RBIAS, because this additional capacitance
(AVDD) and digital (DVDD). Each supply must be
interferes with the internal circuitry used to set the
suitably bypassed to achieve the best performance. It
biasing.
is recommended that a 1mF and 0.1mF ceramic
capacitor be placed as close to each supply pin as
possible. AVDD must be very clean and stable in
order to achieve optimum performance from the
device.
Connect each supply-pin bypass capacitor to the
associated ground. Each main supply bus should also
be bypassed with a bank of capacitors from 47mF to
0.1mF. Figure 52 illustrates the recommended method
for ADS1675 power-supply decoupling.
Figure 51. External Resistor Used to Set Analog
Power Dissipation (Depends on fCLK)
Power-supply pins 53 and 54 are used to drive the
internal clock supply circuits and, as such, are very
noisy. It is highly recommended that the traces from
POWER DOWN (PDWN)
these pins not be shared or run close to any of the
adjacent AVDD or AGND pins of the ADS1675.
When not in use, the ADS1675 can be powered down
These pins should be well-decoupled, using a 0.1mF
by taking the PDWN pin low. All circuitry shuts down,
ceramic capacitor close to the pins, and immediately
terminated into power and ground planes.
26
Submit Documentation Feedback
Copyright © 2008–2010, Texas Instruments Incorporated
Product Folder Link(s): ADS1675



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com