Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADS1675 Datasheet(PDF) 28 Page - Texas Instruments

Part # ADS1675
Description  4MSPS, 24-Bit Analog-to-Digital Converter
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS1675 Datasheet(HTML) 28 Page - Texas Instruments

Back Button ADS1675 Datasheet HTML 24Page - Texas Instruments ADS1675 Datasheet HTML 25Page - Texas Instruments ADS1675 Datasheet HTML 26Page - Texas Instruments ADS1675 Datasheet HTML 27Page - Texas Instruments ADS1675 Datasheet HTML 28Page - Texas Instruments ADS1675 Datasheet HTML 29Page - Texas Instruments ADS1675 Datasheet HTML 30Page - Texas Instruments ADS1675 Datasheet HTML 31Page - Texas Instruments ADS1675 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 40 page
background image
ADS1675
SBAS416D – DECEMBER 2008 – REVISED AUGUST 2010
www.ti.com
APPLICATION INFORMATION
6. Analog Inputs: The analog input pins must be
To
obtain
the
specified
performance
from
the
driven
differentially
to
achieve
specified
ADS1675,
the
following
layout
and
component
performance.
A
true
differential
driver
or
guidelines should be considered.
transformer (ac applications) can be used for this
1. Power Supplies: The device requires two power
purpose. Route the analog inputs tracks (AINP,
supplies for operation: DVDD and AVDD. A very
AINN) as a pair from the buffer to the converter
clean and stable AVDD supply is needed to
using short, direct tracks and away from digital
achieve optimal performance from the device. For
tracks. A 750pF capacitor should be used directly
both supplies, use a 10mF tantalum capacitor,
across the analog input pins, AINP and AINN. A
bypassed with a 0.1mF ceramic capacitor, placed
low-k dielectric (such as COG or film type) should
close to the device pins. Alternatively, a single
be used to maintain low THD. Capacitors from
10mF ceramic capacitor can be used. The
each analog input to ground should be used.
supplies should be relatively free of noise and
They should be no larger than 1/10 the size of
should not be shared with devices that produce
the difference capacitor (typically 100pF) to
voltage spikes (such as relays, LED display
preserve the ac common-mode performance.
drivers, etc.). If a switching power-supply source
7. Component Placement: Place the power supply,
is used, the voltage ripple should be low (less
analog
input,
and
reference
input
bypass
than
2mV).
The
power
supplies
may
be
capacitors as close as possible to the device
sequenced in any order.
pins. This placement is particularly important for
2. Ground Plane: A single ground plane connecting
the
small-value
ceramic
capacitors.
both AGND and DGND pins can be used. If
Surface-mount components are recommended to
separate digital and analog grounds are used,
avoid
the
higher
inductance
of
leaded
connect the grounds together at the converter.
components.
3. Digital Inputs: Source terminate the digital inputs
Figure 53 through Figure 55 illustrate the basic
to the device with 50
Ω series resistors. The
connections and interfaces that can be used with the
resistors should be placed close to the driving
ADS1675.
end of the digital source (oscillator, logic gates,
DSP, etc.). These resistors help reduce ringing
on the digital lines, which may lead to degraded
ADC performance.
4. Analog/Digital Circuits: Place analog circuitry
(input buffer, reference) and associated tracks
together, keeping them away from digital circuitry
(DSP,
microcontroller,
logic).
Avoid
crossing
digital tracks across analog tracks to reduce
noise coupling and crosstalk.
5. Reference Inputs: The ADS1675 reference input
has 400
Ω across VREFP and VREFN. The
driving amplifier must source current for this static
current, as well as dynamic switching current as a
result of the 32MHz clock. The reference driving
amplifier should be ready to source at least
10.5mA.
28
Submit Documentation Feedback
Copyright © 2008–2010, Texas Instruments Incorporated
Product Folder Link(s): ADS1675



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com