Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADS1675 Datasheet(PDF) 12 Page - Texas Instruments

Part # ADS1675
Description  4MSPS, 24-Bit Analog-to-Digital Converter
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS1675 Datasheet(HTML) 12 Page - Texas Instruments

Back Button ADS1675 Datasheet HTML 8Page - Texas Instruments ADS1675 Datasheet HTML 9Page - Texas Instruments ADS1675 Datasheet HTML 10Page - Texas Instruments ADS1675 Datasheet HTML 11Page - Texas Instruments ADS1675 Datasheet HTML 12Page - Texas Instruments ADS1675 Datasheet HTML 13Page - Texas Instruments ADS1675 Datasheet HTML 14Page - Texas Instruments ADS1675 Datasheet HTML 15Page - Texas Instruments ADS1675 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 40 page
background image
0
20
40
60
80
100
120
140
160
-
-
-
-
-
-
-
-
0
200k 400k 600k 800k 1M 1.2M
2M
Frequency(Hz)
f
=100kHz, 6dBFS
-
IN
THD= 103.2dBc
65,536Points
-
1.4M 1.6M 1.8M
0
20
40
60
80
100
120
140
160
-
-
-
-
-
-
-
-
0
200k 400k 600k 800k 1M 1.2M
2M
Frequency(Hz)
f
=1600kHz, 0.5dBFS
-
IN
THD= 122.9dBc
65,536Points
-
1.4M 1.6M 1.8M
0
20
40
60
80
100
120
140
160
-
-
-
-
-
-
-
-
0
200k 400k 600k 800k 1M 1.2M
2M
Frequency(Hz)
f
=1600kHz, 6dBFS
-
IN
THD= 125dBc
65,536Points
-
1.4M 1.6M 1.8M
100
90
80
70
60
50
40
30
20
10
-80
-70
-60
-50
-40
-30
-20
0
InputSignalAmplitude(dBFS)
f
=10kHz
IN
-10
f
=2MSPS,WB
DATA
f
=4MSPS,WB
DATA
120
110
100
90
80
70
60
50
40
-80
-70
-60
-50
-40
-30
-20
0
InputSignalAmplitude(dBFS)
f
=10kHz
IN
-10
f
=2MSPS,WB
DATA
f
=4MSPS,WB
DATA
95
94
93
92
91
90
89
88
87
86
85
1.5
2.0
2.5
3.0
3.5
InputCommon-ModeVoltage(V)
f
=10kHz
f
=4MSPS
WBFilter
IN
DATA
AIN= 0.5dBFS
-
AIN= 6dBFS
-
ADS1675
SBAS416D – DECEMBER 2008 – REVISED AUGUST 2010
www.ti.com
TYPICAL CHARACTERISTICS (continued)
All specifications are at TA = –40°C to +85°C, AVDD = 5V, DVDD = 3V, fCLK = 32MHz, VREF = +3V, and RBIAS = 7.5kΩ, unless
otherwise noted.
SPECTRAL RESPONSE
SPECTRAL RESPONSE
(DRATE = 101, WB Filter)
(DRATE = 101, WB Filter)
Figure 18.
Figure 19.
SPECTRAL RESPONSE
SIGNAL-TO-NOISE RATIO
(DRATE = 101, WB Filter)
vs INPUT SIGNAL AMPLITUDE
Figure 20.
Figure 21.
|TOTAL HARMONIC DISTORTION|
SIGNAL-TO-NOISE RATIO
vs INPUT SIGNAL AMPLITUDE
vs INPUT COMMON-MODE VOLTAGE
Figure 22.
Figure 23.
12
Submit Documentation Feedback
Copyright © 2008–2010, Texas Instruments Incorporated
Product Folder Link(s): ADS1675



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com