Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADS1675 Datasheet(PDF) 14 Page - Texas Instruments

Part # ADS1675
Description  4MSPS, 24-Bit Analog-to-Digital Converter
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS1675 Datasheet(HTML) 14 Page - Texas Instruments

Back Button ADS1675 Datasheet HTML 10Page - Texas Instruments ADS1675 Datasheet HTML 11Page - Texas Instruments ADS1675 Datasheet HTML 12Page - Texas Instruments ADS1675 Datasheet HTML 13Page - Texas Instruments ADS1675 Datasheet HTML 14Page - Texas Instruments ADS1675 Datasheet HTML 15Page - Texas Instruments ADS1675 Datasheet HTML 16Page - Texas Instruments ADS1675 Datasheet HTML 17Page - Texas Instruments ADS1675 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 40 page
background image
100
90
80
70
60
50
40
8 16
32
64
256
OversamplingRatio
125kSPS:DRATE=000
250kSPS:DRATE=001
500kSPS:DRATE=010
1MSPS:DRATE=011
2MSPS:DRATE=100
4MSPS:DRATE=101
128
IAVDD,WB/LLFilter
IDVDD,LL Filter
IDVDD,WBFilter
InputShorted
f
=32MHz
LVDSInterface
CLK
590
580
570
560
550
540
530
520
510
500
490
8 16
32
64
256
OversamplingRatio
125kSPS:DRATE=000
250kSPS:DRATE=001
500kSPS:DRATE=010
1MSPS:DRATE=011
2MSPS:DRATE=100
4MSPS:DRATE=101
128
LLFilter
WBFilter
InputShorted
f
=32MHz
LVDSInterface
CLK
600
500
400
300
200
100
0
-400
-300
-200
-100
0
100
200
400
23-BitOutputCode(LSB)
InputShorted
=60LSB
65,536Points
WideBandwidth
f
=4MSPS
s
DATA
300
1600
1400
1200
1000
800
600
400
200
0
-80
-60
-40
-20
0
20
40
80
24-BitOutputCode(LSB)
InputShorted
=17LSB
65,536Points
WideBandwidth
f
=125kSPS
s
DATA
60
3
2
1
0
1
2
3
-
-
-
-3
-2
-1
0
1
2
3
AnalogInputVoltage(V)
f
=32MHz
f
=125kSPS
WideBandwidth
CLK
DATA
+25 C
°
+85 C
°
-
°
40 C
ADS1675
SBAS416D – DECEMBER 2008 – REVISED AUGUST 2010
www.ti.com
TYPICAL CHARACTERISTICS (continued)
All specifications are at TA = –40°C to +85°C, AVDD = 5V, DVDD = 3V, fCLK = 32MHz, VREF = +3V, and RBIAS = 7.5kΩ, unless
otherwise noted.
CURRENT vs OVERSAMPLING RATIO
POWER vs OVERSAMPLING RATIO
Figure 30.
Figure 31.
NOISE HISTOGRAM
NOISE HISTOGRAM
(DRATE = 101, WB Filter)
(DRATE = 000, WB Filter)
Figure 32.
Figure 33.
INTEGRAL NONLINEARITY
vs ANALOG INPUT VOLTAGE
Figure 34.
14
Submit Documentation Feedback
Copyright © 2008–2010, Texas Instruments Incorporated
Product Folder Link(s): ADS1675



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com